Electronic Components Datasheet Search
  English  ▼

X  

P10A2 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # P10A2
Description  VOLTAGE 50 ~ 1000 V 10 A, General Purpose Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P10A2 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  P10A2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P10A2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
P10A05 THRU P10A10
VOLTAGE 50 ~ 1000 V
10 A, General Purpose Rectifiers
01-June-2002 Rev. A
Page 1 of 2
D im e n s ions in in c hes an d ( m illim e te r s )
R- 6
1.0( 25 . 4 )
MI N .
.360( 9 . 1 )
.340( 8 . 6 )
.0 5 2 ( 1 .3 )
.0 4 8 ( 1 .2 )
DIA
1.0( 25 . 4 )
MI N .
. 3 60( 9 . 1)
. 3 40( 8 . 6)
DI A
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low cost construction
Low forward voltage drop
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250
oC/10 second, at terminals
MECHANICAL DATA
Case: transfer molded plastic
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.07ounces, 2.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOLS
P10A05
P10A1
P10A2
P10A4
P10A6
P10A8
P10A10
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
@TL=75 ℃
I(AV)
10.0
Amps
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)
IFSM
400
Amps
Maximum Instantaneous Forward Voltage Drop
per bridge element at 10A
VF
1.0
Volts
TJ=25℃
10
Maximum DC Reverse Current at
rated DC blocking voltage
TJ=100℃
IR
100
μA
Typical Junction Capacitance (Note 2)
CJ
200
pF
Operating and Storage Temperature Range
TJ
-65 to +175
℃
Storage Temperature Range
TSTG
-65 to +175
℃
NOTES:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.


Similar Part No. - P10A2

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P10A2405D HY-LINE-P10A2405D Datasheet
1Mb / 5P
10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A2405S HY-LINE-P10A2405S Datasheet
1Mb / 5P
10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A2409D HY-LINE-P10A2409D Datasheet
1Mb / 5P
10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A2409S HY-LINE-P10A2409S Datasheet
1Mb / 5P
10 W DC-DC Converter P10A-Series
Rev: 20180712 f
P10A2412D HY-LINE-P10A2412D Datasheet
1Mb / 5P
10 W DC-DC Converter P10A-Series
Rev: 20180712 f
More results

Similar Description - P10A2

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
10A05 DACHANG-10A05 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
P10A05 SECOS-P10A05_15 Datasheet
135Kb / 2P
10 A, General Purpose Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
logo
SHIKUES Electronics
1N4001F SKTECHNOLGY-1N4001F Datasheet
273Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001G SKTECHNOLGY-1N4001G Datasheet
1Mb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
1N4001W SKTECHNOLGY-1N4001W Datasheet
349Kb / 4P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
S1AF SKTECHNOLGY-S1AF Datasheet
348Kb / 3P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
logo
Guangdong Youtai Semico...
1N4001 UMW-1N4001 Datasheet
124Kb / 4P
Surface Mount General Purpose Silicon Rectifiers Reverse Voltage - 50 to 1000 V Forward Current - 1 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com