Electronic Components Datasheet Search
  English  ▼

X  

RS202 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # RS202
Description  VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RS202 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  RS202 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RS202 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
RS201L THRU RS207L
VOLTAGE 50V ~ 1000V
2.0AMP Single Phase Bridge Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
RS201 RS202 RS203 RS204 RS205 RS206 RS207 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
50
10
500
-65
+150
-65
+125
V
A
A
V
µA
µA
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 2.74 grams
1.
1
RS-2
.510(13.0)
.472(12.0)
.260(6.5)
.240(6.1)
.035(0.9)
.028(0.7)
.160(4.1)
.140(3.6)
.730(18.5)
.690(17.5)
.50
(12.7)
.125
(3.2)
MIN.
DIA.
SPACING
* Low leakage current
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - RS202

ManufacturerPart #DatasheetDescription
logo
Bytes
RS202 BYTES-RS202 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
RS202 DCCOM-RS202 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
RS202 FORMOSA-RS202 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
RS202 GOOD-ARK-RS202 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Leshan Radio Company
RS202 LRC-RS202 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
More results

Similar Description - RS202

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RB151 SECOS-RB151 Datasheet
226Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
RS201 SECOS-RS201 Datasheet
225Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS601 SECOS-RS601 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS601M SECOS-RS601M Datasheet
93Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
S20 SECOS-S20 Datasheet
218Kb / 2P
VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com