Electronic Components Datasheet Search
  English  ▼

X  

B3002RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # B3002RW
Description  Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

B3002RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  B3002RW Datasheet HTML 1Page - MicroPower Direct, LLC B3002RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Over
Voltage
Protection
(VDC)
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
B3001RW
24
18.0 - 36.0
744
50
100
2.5
6,000.0
0.0
3.0
84
6,800
3,000
B3002RW
24
18.0 - 36.0
959
50
100
3.3
6,000.0
0.0
3.9
86
6,800
3,000
B3003RW
24
18.0 - 36.0
1,185
70
100
5.0
5,000.0
0.0
6.8
88
6,800
3,000
B3004RW
24
18.0 - 36.0
1,420
20
100
12.0
2,500.0
166.0
15.0
88
680
3,000
B3005RW
24
18.0 - 36.0
1,420
20
100
15.0
2,000.0
133.0
18.0
88
680
3,000
B3011RW
48
36.0 - 75.0
372
40
30
2.5
6,000.0
0.0
3.0
84
6,800
1,500
B3012RW
48
36.0 - 75.0
480
40
30
3.3
6,000.0
0.0
3.9
86
6,800
1,500
B3013RW
48
36.0 - 75.0
604
50
30
5.0
5,000.0
0.0
6.8
88
6,800
1,500
B3014RW
48
36.0 - 75.0
710
10
30
12.0
2,500.0
166.0
15.0
88
680
1,500
B3015RW
48
36.0 - 75.0
710
10
30
15.0
2,000.0
133.0
18.0
88
680
1,500
Model Selection Guide
Notes:
1. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor
be placed from the +Vout pin to the -Vout pin.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to
100%.
3. The maximum control current at the on/off pin (pin 3) during a logic high is 5 µA. The maximum
control current to the on/off pin at logic low is -100 µA. If the on/off pin is left open, the unit operates.
If it is grounded, the unit will shut off.
4. Operation at no-load will not damage these units. However, they may not meet all specifica-
tions.
5. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where
the converter output loading is high and input power is supplied over long lines, it may be
necessary to use a capacitor (such as a low ESR 10.0 µF) on the input to insure start-up.
6. It is recommended that a fuse be used on the input of a power supply for protection. See
the table above for the correct rating.
For continuous UP/Down trimming capability, connect a 10 kW poten-
tiometer between the plus and minus outputs with the wiper arm con-
nected to the V
OUT
trim pin.The trim pin may be left floating if it is not used.
An external resistor may also be used to adjust the converter output.
To adjust the output UP, connect a 5%, 3W resistor between the minus
output pin and the Vout trim pin. The output voltage is increased per
the equation:
R
UP
=
(33 x V
OUT
) - (30 x V
ADJ
)
V
ADJ
- V
OUT
To adjust the output DOWN, connect a 5%, 3W resistor between the
plus output pin and the V
OUT
trim pin. The output voltage is decreased
per the equation:
R
Dwn
=
(36.667 x V
ADJ
) - (33 x V
OUT
)
V
OUT
- V
ADJ
External Trim
Where:
V
OUT
=
Nominal Output Voltage
V
ADJ
=
Adjusted Output Volatage
Units =
VDC / k
Mechanical Dimensions
Heatsink Notes:
• Use of the heatsink will extend the units operating temperature
range by approximately 10°C.
• The heatsink is black anodized aluminum.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Pin Function
1+Vin
2-Vin
3
ON/OFF
4
+Vout
5
-Vout
6
Trim
Pin
Connections
Heatsink Dimensions (Optional)
For heatsink option, add suffix “H” to model number (i.e. B3003RU-H)
www.micropowerdirect.com
For Remote Control option, add suffix “R” to model number (i.e. B3003RU-R)
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com