Electronic Components Datasheet Search
  English  ▼

X  

IPM-C113 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # IPM-C113
Description  Miniature Integrated Power Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

IPM-C113 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  IPM-C113 Datasheet HTML 1Page - JDS Uniphase Corporation IPM-C113 Datasheet HTML 2Page - JDS Uniphase Corporation IPM-C113 Datasheet HTML 3Page - JDS Uniphase Corporation IPM-C113 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
ST is a registered trademark of Lucent Technologies.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2007 JDS Uniphase
Corporation. All rights reserved. 21029449 Rev. 001 10/05 MINIIPM.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: IPM-C82310010
MINIATURE INTEGRATED POWER MONITOR
Code
Tap Ratio
11%
22%
33%
44%
55%
T
10%
Code
Wavelength
CC-band
LL-band
1
C + L bands
Code
Channels
1
Single device
66-channel array
77-channel array
88-channel array
T
10-channel array
IPM-
Code
Package Size
2
Single unit
36-8 channel array
4
10-channel array
Code
Fiber Length
11 m
22 m
40.5 m
51.5 m
Code
Connector Type
0No connector
1FC/PC
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
8
ST
9
FC/UPC
A
SC/UPC
BLC/SPC
C
LC/UPC
001
Reviewed February 2007



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com