Electronic Components Datasheet Search
  English  ▼

X  

HC132 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC132
Description  QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC132 Datasheet(HTML) 1 Page - Texas Instruments

  HC132 Datasheet HTML 1Page - Texas Instruments HC132 Datasheet HTML 2Page - Texas Instruments HC132 Datasheet HTML 3Page - Texas Instruments HC132 Datasheet HTML 4Page - Texas Instruments HC132 Datasheet HTML 5Page - Texas Instruments HC132 Datasheet HTML 6Page - Texas Instruments HC132 Datasheet HTML 7Page - Texas Instruments HC132 Datasheet HTML 8Page - Texas Instruments HC132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54HC132, SN74HC132
QUADRUPLE POSITIVENAND GATES
WITH SCHMITT TRIGGER INPUTS
SCLS034F − DECEMBER 1982 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Operation From Very Slow Input
Transitions
D Temperature-Compensated Threshold
Levels
D High Noise Immunity
D Same Pinouts as ’HC00
description/ordering information
Each circuit functions as a NAND gate, but
because of the Schmitt action, it has different input
threshold levels for positive- and negative-going
signals. The ’HC132 devices perform the Boolean
function Y = A
• B or Y = A + B in positive logic.
These circuits are temperature compensated and
can be triggered from the slowest of input ramps
and still give clean jitter-free output signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC132N
SN74HC132N
Tube of 50
SN74HC132D
SOIC − D
Reel of 2500
SN74HC132DR
HC132
SOIC − D
Reel of 250
SN74HC132DT
HC132
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC132NSR
HC132
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC132DBR
HC132
Tube of 90
SN74HC132PW
TSSOP − PW
Reel of 2000
SN74HC132PWR
HC132
TSSOP − PW
Reel of 250
SN74HC132PWT
HC132
CDIP − J
Tube of 25
SNJ54HC132J
SNJ54HC132J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC132W
SNJ54HC132W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC132FK
SNJ54HC132FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HC132 ...J OR W PACKAGE
SN74HC132 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HC132 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC13200 ETC1-HC13200 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13201 ETC1-HC13201 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13203 ETC1-HC13203 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13207 ETC1-HC13207 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC13210 ETC1-HC13210 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com