Electronic Components Datasheet Search
  English  ▼

X  

S125 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S125
Description  VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S125 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S125 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S125 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
S20 THRU S500
VOLTAGE 50V ~ 1000V
0.8AMP Single Phase Surface Mount Bridge Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ta=40 C(Note 1)
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 0.4A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
S20
S40
S80
S125
S250
S380
S500 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
0.8
3 0
5.0
500
75
-55
+150
-55
+150
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: Symbol molded on body
* Mounting position: Any
* Weight: 0.12 grams
1.0
V
A
A
V
µA
µA
C
C
C/W
.157(4.0)
.106(2.7)
2.75(7.0)
MAX.
.008(0.2)
MAX.
.106(2.7)
.193(4.9)
.031(0.8)
.141(3.6)
.090(2.3)
.090(2.3)
.177(4.5)
.023(0.6)
+
~
~
MDS
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
.118(3.0)
MAX.
.043(1.1)
.027(0.7)
.043(1.1)
.027(0.7)
Typical Thermal Resistance RqJA (Note 2)
NOTES: 1. Mounted on P.C. Board.
2. Thermal Resistance Junction to Ambient.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of “-C” specifies halogen-free.


Similar Part No. - S125

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S125 DIOTEC-S125 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
S125 SEMIKRON-S125 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
S125 DIOTEC-S125 Datasheet
126Kb / 2P
"Slim" Profile Surface Mount Si-Bridge-Rectifiers
S125 DIOTEC-S125 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
logo
Galaxy Semi-Conductor H...
S125 BILIN-S125 Datasheet
136Kb / 2P
GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
More results

Similar Description - S125

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RB151 SECOS-RB151 Datasheet
226Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
RS201 SECOS-RS201 Datasheet
225Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS201L SECOS-RS201L Datasheet
290Kb / 2P
VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
RS601 SECOS-RS601 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS601M SECOS-RS601M Datasheet
93Kb / 2P
VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
MD151S SECOS-MD151S Datasheet
384Kb / 2P
Voltage 50V ~ 1000V 1.5 Amp Surface Mount Bridge Rectifiers
logo
Chip Integration Techno...
AB102S-A CITC-AB102S-A Datasheet
590Kb / 4P
Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com