Electronic Components Datasheet Search
  English  ▼

X  

D138 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D138
Description  Single & Dual Output Miniature, 1W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D138 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D138 Datasheet HTML 1Page - MicroPower Direct, LLC D138 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 1W Output Power
• Miniature SIP Case
• Single & Dual Outputs
• Complies to RFI Standards
• 1,000 VDC Isolation
• >1.12 MHour MTBF
• 36 Standard Models
• Industry Standard Pin-Out
D100
Single & Dual Output
Miniature, 1W SIP
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
48 VDC Input
43.2
48.0
52.8
Input Filter
Internal Capacitor
Reflected Ripple Current
12 μH Source Inductance
20
mA P - P
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
75
mV P - P
Output Power Protection
110
%
Temperature Coefficient
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
80
kHz
EMI/RFI
EN55022 B, EN55024 B, IEC 61000-4-2, IEC 61000-4-3, FCC 47 CFR Part 15 B
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
+100
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size (5V 12V & 24V Input Models)
0.76 x 0.24 x 0.39 Inches (19.5 x 6.0 x 10.0 mm)
Case Size (48V Input Models)
0.76 x 0.28 x 0.39 Inches (19.5 x 7.2 x 10.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.08 Oz (2.3g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.12
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.0
VDC
12 VDC Input
-0.7
15.0
24 VDC Input
-0.7
28.0
48 VDC Input
-0.7
54.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - D138

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
D1381S45T EUPEC-D1381S45T Datasheet
51Kb / 4P
Schnelle Gleichrichterdiode
logo
Rohm
D1384 ROHM-D1384 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
logo
Tyco Electronics
D13880-000 MACOM-D13880-000 Datasheet
607Kb / 11P
14mm Series Metal Oxide Varistors
logo
MicroPower Direct, LLC
D138ERW MPD-D138ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
D138I MPD-D138I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results

Similar Description - D138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
Low Cost, 1W SIP Single & Dual Output DC/DC Converters
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com