Electronic Components Datasheet Search
  English  ▼

X  

D100ER Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D100ER
Description  Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D100ER Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D100ER Datasheet HTML 1Page - MicroPower Direct, LLC D100ER Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 1W Output Power
• Tightly Regulated
• Single & Dual Outputs
• Miniature SIP Case
• 1,000 VDC Isolation
• >3.5 MHour MTBF
• 24 Standard Models
• Industry Standard Pin-Out
• LOWEST COST!!
D100ER
Low Cost, 1W SIP
Tightly Regulated
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.75
5.0
5.25
VDC
12 VDC Input
11.4
12.0
12.6
24 VDC Input
22.8
24.0
25.2
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.1
±1.0
%
Line Regulation
For Vin Min to Max
±0.25
%
Load Regulation (Note 1)
For Iout = 10% to 100%
±1.0
%
Ripple & Noise (20 MHz) (Note 3)
10
20
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Momentary (1.0 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
-40
+90
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size (Single Output)
0.77 x 0.24 x 0.40 Inches (19.6 x 6.0 x 10.2 mm)
Case Size (Dual Output)
1.08 x 0.37 x 0.47 Inches (27.5 x 9.5 x 12.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.07 Oz (2.1g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - D100ER

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100ERW MPD-D100ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
More results

Similar Description - D100ER

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
Tightly Regulated Miniature, 1W SIP DC/DC Converters
D200ERW MPD-D200ERW Datasheet
188Kb / 2P
Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
LF100ED MPD-LF100ED Datasheet
233Kb / 2P
Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
Low Cost, 2W Miniature SIP DC/DC Con vert ers
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
Miniature, 1W SIP Medical Approved DC/DC Con vert ers
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
MD100VHI MPD-MD100VHI Datasheet
475Kb / 2P
Miniature 1W, SIP, Very High Isolation DC/DC Con vert ers
ME05S MPD-ME05S_18 Datasheet
448Kb / 2P
Low Cost, 0.5W Ultra-Miniature SIP DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com