Electronic Components Datasheet Search
  English  ▼

X  

S2123 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # S2123
Description  CMOS Positive Voltage Regula tor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2123 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  S2123 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2123 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2123 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2123 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S2123 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
01-Jun-2002 Rev. A
Page
3 of 5
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Ordering Information(contd.)
S2123-15
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
S2123-25
S2123-2H
S2123-29
S2123-31
S2123-34
S2123-36
S2123-38
3E152
1.5V
2.5V
2.85V
2.9V
3.1V
3.4V
3.6V
3.8V
S2123-18
S2123-27
S2123-28
S2123-30
S2123-33
S2123-35
S2123-37
1.8V
2.7V
2.8V
3.0V
3.3V
3.5V
3.7V
XX
3E252
XX
3E2H2
XX
3E292
XX
3E312
XX
3E342
XX
3E362
XX
3E382
XX
3E182
XX
3E272
XX
3E282
XX
3E302
XX
3E332
XX
3E352
XX
3E372
XX
Characteristics Curve
S2123
CMOS Positive
Voltage Regulator



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com