Electronic Components Datasheet Search
  English  ▼

X  

D111ER Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D111ER
Description  Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D111ER Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D111ER Datasheet HTML 1Page - MicroPower Direct, LLC D111ER Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the side of the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101ER
5
4.75 - 5.25
294
30
5.0
200.0
20.0
68
500
D102ER
5
4.75 - 5.25
286
30
9.0
111.0
12.0
70
500
D103ER
5
4.75 - 5.25
282
30
12.0
83.0
9.0
71
500
D104ER
5
4.75 - 5.25
278
30
15.0
67.0
7.0
72
500
D105ER
5
4.75 - 5.25
290
30
±5.0
±100.0
±10.0
69
500
D106ER
5
4.75 - 5.25
286
30
±9.0
±56.0
±6.0
70
500
D107ER
5
4.75 - 5.25
278
30
±12.0
±42.0
±5.0
72
500
D108ER
5
4.75 - 5.25
278
30
±15.0
±33.0
±4.0
72
500
D111ER
12
11.4 - 12.6
121
15
5.0
150.0
15.0
69
200
D112ER
12
11.4 - 12.6
117
15
9.0
111.0
12.0
71
200
D113ER
12
11.4 - 12.6
116
15
12.0
83.0
9.0
72
200
D114ER
12
11.4 - 12.6
116
15
15.0
67.0
7.0
72
200
D115ER
12
11.4 - 12.6
119
15
±5.0
±100.0
±10.0
70
200
D116ER
12
11.4 - 12.6
116
15
±9.0
±56.0
±6.0
72
200
D117ER
12
11.4 - 12.6
114
15
±12.0
±42.0
±5.0
73
200
D118ER
12
11.4 - 12.6
114
15
±15.0
±33.0
±4.0
73
200
D121ER
24
22.8 - 25.2
59
8
5.0
150.0
15.0
70
100
D122ER
24
22.8 - 25.2
58
8
9.0
111.0
12.0
72
100
D123ER
24
22.8 - 25.2
57
8
12.0
83.0
9.0
73
100
D124ER
24
22.8 - 25.2
57
8
15.0
67.0
7.0
73
100
D125ER
24
22.8 - 25.2
58
8
±5.0
±100.0
±10.0
72
100
D126ER
24
22.8 - 25.2
58
8
±9.0
±56.0
±6.0
72
100
D127ER
24
22.8 - 25.2
57
8
±12.0
±42.0
±5.0
73
100
D128ER
24
22.8 - 25.2
57
8
±15.0
±33.0
±4.0
73
100
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
No Pin
6
+Vout
No Pin
7
No Pin
+Vout
9
No Pin
-Vout
10
No Pin Common
Derating Curve
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
3. These converters will operate without external components. However, when
measuring output ripple, it is recommended that an external ceramic capaci-
tor be placed from the +Vout pin to the -Vout pin for single output units
and from each output to common for dual output units. An input capacitor
will enhace stability
over temperature and
input line variations.
Recommended capaci-
tor values are given in
the table at right. For
applications requir-
ing very low output
noise levels, a simple
LC filter should be effective.
4. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 μF
5 VDC
10.0 μF
4.7 μF
12 VDC
2.2 μF
9 VDC
4.7 μF
2.2 μF
24 VDC
1.0 μF
12 VDC
2.2 μF
1.0 μF
15 VDC
1.0 μF
0.47 μF
Model Selection Guide
Mechanical Dimensions (Single Output)
Pin
Connections
Mechanical Dimensions (Dual Output)
Notes:
• All dimen
• Tolerance
• Pin 1 is ma
on the sid
MicroPower Direct
www.micropowerdirect.com
292 Page Street, STE D, Stoughton, MA 02072 • TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com