Electronic Components Datasheet Search
  English  ▼

X  

D115ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D115ERW
Description  Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D115ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D115ERW Datasheet HTML 1Page - MicroPower Direct, LLC D115ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101ERW
5
4.5 - 9.0
303
40
3.3
303.0
30.0
66
750
D102ERW
5
4.5 - 9.0
286
40
5.0
200.0
20.0
70
750
D103ERW
5
4.5 - 9.0
273
40
12.0
83.0
8.0
73
750
D104ERW
5
4.5 - 9.0
277
40
15.0
67.0
12.0
72
750
D105ERW
5
4.5 - 9.0
286
40
24.0
42.0
4.0
70
750
D106ERW
5
4.5 - 9.0
282
40
±5.0
±100.0
±10.0
71
750
D107ERW
5
4.5 - 9.0
273
40
±12.0
±42.0
±4.0
73
750
D108ERW
5
4.5 - 9.0
273
40
±15.0
±33.0
±3.0
73
750
D109ERW
5
4.5 - 9.0
282
40
±24.0
±21.0
±2.0
71
750
D111ERW
12
9.0 - 18.0
122
20
3.3
303.0
30.0
68
400
D112ERW
12
9.0 - 18.0
111
20
5.0
200.0
20.0
75
400
D113ERW
12
9.0 - 18.0
106
20
12.0
83.0
8.0
78
400
D114ERW
12
9.0 - 18.0
106
20
15.0
67.0
12.0
78
400
D115ERW
12
9.0 - 18.0
108
20
24.0
42.0
4.0
77
400
D116ERW
12
9.0 - 18.0
111
20
±5.0
±100.0
±10.0
75
400
D117ERW
12
9.0 - 18.0
108
20
±12.0
±42.0
±4.0
77
400
D118ERW
12
9.0 - 18.0
110
20
±15.0
±33.0
±3.0
76
400
D119ERW
12
9.0 - 18.0
108
20
±24.0
±21.0
±2.0
77
400
D121ERW
24
18.0 - 36.0
60
10
3.3
303.0
30.0
70
150
D122ERW
24
18.0 - 36.0
57
10
5.0
200.0
20.0
73
150
D123ERW
24
18.0 - 36.0
53
10
12.0
83.0
8.0
78
150
D124ERW
24
18.0 - 36.0
55
10
15.0
67.0
12.0
76
150
D125ERW
24
18.0 - 36.0
54
10
24.0
42.0
4.0
77
150
D126ERW
24
18.0 - 36.0
55
10
±5.0
±100.0
±10.0
76
150
D127ERW
24
18.0 - 36.0
54
10
±12.0
±42.0
±4.0
78
150
D128ERW
24
18.0 - 36.0
53
10
±15.0
±33.0
±3.0
78
150
D129ERW
24
18.0 - 36.0
53
10
±24.0
±21.0
±2.0
78
150
D131ERW
48
36.0 - 72.0
29
5
3.3
303.0
30.0
71
75
D132ERW
48
36.0 - 72.0
29
5
5.0
200.0
20.0
73
75
D133ERW
48
36.0 - 72.0
27
5
12.0
83.0
8.0
78
75
D134ERW
48
36.0 - 72.0
27
5
15.0
67.0
12.0
76
75
D135ERW
48
36.0 - 72.0
27
5
24.0
42.0
4.0
78
75
D136ERW
48
36.0 - 72.0
28
5
±5.0
±100.0
±10.0
75
75
D137ERW
48
36.0 - 72.0
27
5
±12.0
±42.0
±4.0
78
75
D138ERW
48
36.0 - 72.0
27
5
±15.0
±33.0
±3.0
78
75
D139ERW
48
36.0 - 72.0
27
5
±24.0
±21.0
±2.0
76
75
Notes:
1. When measuring output ripple, it is recommended that an external ceramic
capacitor (approx. 1 µF to 10 µF) be placed from the +Vout pin to the -Vout
pin for single output units and from each output to common for dual output
units.
2. These units should not be operated with a load under 10% of full load. Opera-
tion at no-load may cause damage to the unit.
3. These converters are specified for operation without external components.
However, in some
applications the
addition of input/
output capacitors
will enhance stabil-
ity and reduce out-
put ripple. Recom-
mended capacitor
values are given in
the table at right.
Output ripple on single output units may be further enhanced by using the CS
terminal (single output units operated at 50% load or below should use this
function). A low ESR capaci-
tor is connected between
the CS pin and the -Vout pin
(the anode of the capacitor
is connected to the -Vout
pin). Recommended capacitor values are given in the table above. If not used,
the CS pin should be left open.
4. Dual output units may be connected to provide a 10V, 24V, 30V or 48 VDC
output. To do this, connect the load across the +Vout and -Vout outputs
and float the output common.
5. The remote on/off control pin is refer-
enced to the -Vin pin. Input current to
the pin should be between 5 - 10 mA
with a maximum of 20 mA.
6. It is recommended that a fuse be used
on the input of a power supply for protection. See the Model Selection table
above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
0 - 70ºC
(Electrolitic)
-40 - 85ºC
(Tantalum)
12 VDC
100
µF
5 VDC
100
µF
47
µF
15 VDC
100
µF
12 VDC
100
µF
47
µF
24 VDC
10
µF
15 VDC
100
µF
47
µF
48 VDC
10
µF
Output Voltage
3.3V
5V
12V
15V
24V
CS
47
µF - 100 µF
22
µF - 47 µF
Min
Max
On
<0.6 VDC to Open Circuit
Off
2.7 VDC
15.0 VDC
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote ON/OFF
5NF
NF
6
+Vout
+Vout
7
-Vout
Common
8
CS
-Vout
NF = No Function
Pin Connections
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com