Electronic Components Datasheet Search
  English  ▼

X  

D133I Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D133I
Description  High Isolation Miniature, 1W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D133I Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D133I Datasheet HTML 1Page - MicroPower Direct, LLC D133I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on
the side of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D101I
5
4.5 - 5.5
267
30
3.3
303.0
6.0
10
75
500
D102I
5
4.5 - 5.5
256
30
5.0
200.0
4.0
10
78
500
D103I
5
4.5 - 5.5
267
30
9.0
111.0
2.2
10
75
500
D104I
5
4.5 - 5.5
263
30
12.0
83.3
1.6
10
76
500
D105I
5
4.5 - 5.5
263
30
15.0
66.6
1.3
10
76
500
D106I
5
4.5 - 5.5
270
30
±5.0
±100.0
±2.0
10
74
500
D107I
5
4.5 - 5.5
256
30
±9.0
±55.5
±1.1
10
78
500
D108I
5
4.5 - 5.5
256
30
±12.0
±41.6
±0.8
10
78
500
D109I
5
4.5 - 5.5
250
30
±15.0
±33.3
±0.6
10
80
500
D111I
12
10.8 - 13.2
113
20
3.3
303.0
6.0
10
74
200
D112I
12
10.8 - 13.2
113
20
5.0
200.0
4.0
10
74
200
D113I
12
10.8 - 13.2
111
20
9.0
111.0
2.2
10
75
200
D114I
12
10.8 - 13.2
108
20
12.0
83.3
1.6
10
77
200
D115I
12
10.8 - 13.2
106
20
15.0
66.6
1.3
10
78
200
D116I
12
10.8 - 13.2
111
20
±5.0
±100.0
±2.0
10
75
200
D117I
12
10.8 - 13.2
109
20
±9.0
±55.5
±1.1
10
76
200
D118I
12
10.8 - 13.2
106
20
±12.0
±41.6
±0.8
10
78
200
D119I
12
10.8 - 13.2
104
20
±15.0
±33.3
±0.6
10
80
200
D121I
24
21.6 - 26.4
56
10
3.3
303.0
6.0
10
75
100
D122I
24
21.6 - 26.4
54
10
5.0
200.0
4.0
10
77
100
D123I
24
21.6 - 26.4
56
10
9.0
111.0
2.2
10
75
100
D124I
24
21.6 - 26.4
53
10
12.0
83.3
1.6
10
78
100
D125I
24
21.6 - 26.4
53
10
15.0
66.6
1.3
10
78
100
D126I
24
21.6 - 26.4
56
10
±5.0
±100.0
±2.0
10
74
100
D127I
24
21.6 - 26.4
54
10
±9.0
±55.5
±1.1
10
76
100
D128I
24
21.6 - 26.4
53
10
±12.0
±41.6
±0.8
10
78
100
D129I
24
21.6 - 26.4
53
10
±15.0
±33.3
±0.6
10
78
100
D131I
48
43.2 - 52.8
29
6
3.3
303.0
6.0
10
72
100
D132I
48
43.2 - 52.8
29
6
5.0
200.0
4.0
10
72
100
D133I
48
43.2 - 52.8
28
6
9.0
111.0
2.2
10
74
100
D134I
48
43.2 - 52.8
28
6
12.0
83.3
1.6
10
74
100
D135I
48
43.2 - 52.8
28
6
15.0
66.6
1.3
10
75
100
D136I
48
43.2 - 52.8
30
6
±5.0
±100.0
±2.0
10
70
100
D137I
48
43.2 - 52.8
29
6
±9.0
±55.5
±1.1
10
72
100
D138I
48
43.2 - 52.8
28
6
±12.0
±41.6
±0.8
10
74
100
D139I
48
43.2 - 52.8
28
6
±15.0
±33.3
±0.6
10
74
100
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
6
No Pin
Common
2
-Vin
-Vin
7
+Vout
+Vout
5
-Vout
-Vout
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. These units do not require external components to operate, but the use of an input capacitor (10
μF) may enhance performance in some applications. It is recommended that an input capacitor
of 4.7 uF to 47 uF (dependent upon the application) be used on 48V input model.
An output capacitor (4.7 μF to 100 μF or ±4.7 μF to ±68 μF) may be used to reduce ripple. To
improve EMI performance, a simple filter network consisting of a 10 uF to 100 uF capacitor and
12 uH inductor should be effective.
3. These units will operate at no load without damage, but may not meet all specifications.
4. Dual output units may be connected to provide a 10V, 18V, 24V or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Derating Curve
Notes:
• All dimens
• Tolerance x
• Pin 1 is mar
the side of
MicroPower Direct
www.micropowerdirect.com
292 Page Street, STE D, Stoughton, MA 02072 • TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
Single Output
(μF Max)
220
Dual Output
(μF Max)
±100
Capacitive
Load
Other input/output combinations are available
(i.e. 24.0 VDC). Contact the factory for details at:
sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com