Electronic Components Datasheet Search
  English  ▼

X  

SCD1100 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD1100
Description  VOLTAGE 100V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD1100 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD1100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD1100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD1100
VOLTAGE 100V
1.0 AMP Surface Mount Schottky Barrier Rectifiers
2010
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge capacity
For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
*
*
*
*
*
*
*
*
*
*
*
*
*
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified Current (See FIG. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage at
1.0A (Note1)
VF
V
Maximum DC Reverse Current (Note1) Ta=25℃
0.5
at Rated DC Blocking Voltage Ta=100℃
IR
mA
RθJA
88
Typical Thermal Resistance (Note 2)
RθJL
28
℃
/ W
Operating Temperature Range
TJ
-50 ~ +1
50
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1.
Pulse test width PW=300 usec, 1% duty cycle.
2.
Mounted on P.C. board with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.091(2.30)
R0.020(0.50)
0.083(2.10)
0.049(1.15)
0.029(0.75)
0.046(1.16)
0.033(0.85)
.181(4.60)
.002(0.05)
.173(4.40)
0.045(1.15)
0.029(0.75)
* Dimensions in inches and (millimeters)
SCD1100
UNITS
V
V
V
100
70
100
0.85
5
Cathode Band
01-Jun-2002 Rev. A
Page 1 of 2
℃
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD1100

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD110H ZOWIE-SCD110H Datasheet
234Kb / 2P
Schottky Barrier Diode
SCD110H ZOWIE-SCD110H Datasheet
234Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SCD1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD3100 SECOS-SCD3100 Datasheet
308Kb / 2P
VOLTAGE 100V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK12 BYTESONIC-SK12_V01 Datasheet
535Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
2019/7/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com