Electronic Components Datasheet Search
  English  ▼

X  

SCD5393S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCD5393S
Description  VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCD5393S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCD5393S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCD5393S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCD5393S THRU SCD5399S
VOLTAGE 200V ~ 1000V
1
.0 AMP Glass Passivated Rectifier
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package
Built-in strain relief
Metal to silicon rectifier , majority carrier conduction
Low power loss , High efficiency
High current capability
High surge cap
RoHS Compliant Product
acity
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Solder plated , solderable per MIL-STD-750,
Method 2026
Polarity : Laser marking
Weight : 0.02 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load,
derate current by 20%.
TYPE NUMBER
SYMBOLS
Maximum Recurrent Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRMS
Maximum DC Blocking Voltage
V DC
Maximum Average Forward Rectified Current
I(AV)
Peak Forward Surge Current, T=500uS Repetitive for 4 around
superimposed on rated load (JEDEC method)
IFSM
Maximum Instantaneous Forward Voltage at 1.0A
VF
1
Maximum DC Reverse Current (Note1) Ta=25℃
at Rated DC Blocking Voltage Ta=100℃
IR
nS
Trr
Maximum reverse recovery time
Cj
Operating Temperature Range
TJ
-50 ~ +125
℃
Storage Temperature Range
TSTG
-65 ~ +150
℃
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.142 (3.60)
0.002 (0.05)
R0.0
16 (0.
40)
0.126 (3.20)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)
SCD5393S
SCD5395S
SCD5399S
SCD5397S
UNIT
V
V
V
A
A
SCD5398S
200
400
600
800
12
V
120
3000
1
1
30
uA
Typical Junction Capacitance (Note1)
1000
pF
1206 (SOD-123)
Dimensions in inches and (millimeters)
200
200
400
400
600
600
800
800
1000
1000
SCD5393S : 17ZD
SCD5395S : 17ZG
SCD5397S : 17ZJ
SCD5398S : 17ZK
SCD5399S : 17ZM
2. Marking:
01-Jun-200
6 Rev. B
Page 1 of
2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCD5393S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD5393 SECOS-SCD5393 Datasheet
469Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393 SECOS-SCD5393_15 Datasheet
470Kb / 2P
1.0 AMP Glass Passivated Rectifier
More results

Similar Description - SCD5393S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
FR101 SECOS-FR101 Datasheet
142Kb / 2P
1.0 AMP Glass Passivated Fast Rectifier
SCD4003 SECOS-SCD4003 Datasheet
476Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCD5393 SECOS-SCD5393 Datasheet
469Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Rectifier
SCDF103 SECOS-SCDF103 Datasheet
815Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated Fast Recovery Rectifier
SCDH103 SECOS-SCDH103 Datasheet
496Kb / 2P
VOLTAGE 200V ~ 1000V 1.0 AMP Glass Passivated High Efficient Rectifier
TB2S SECOS-TB2S Datasheet
263Kb / 2P
Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
GS1A WILLAS-GS1A Datasheet
492Kb / 2P
1.0 AMP GLASS PASSIVATED SILICON RECTIFIER
logo
SeCoS Halbleitertechnol...
SCD5393 SECOS-SCD5393_15 Datasheet
470Kb / 2P
1.0 AMP Glass Passivated Rectifier
MB10M SECOS-MB10M Datasheet
145Kb / 2P
1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com