Electronic Components Datasheet Search
  English  ▼

X  

SCS202ND Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202ND
Description  VOLTAGE 80 V 0.1A SC-59 Types Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202ND Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS202ND Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202ND Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
A
SCS202ND
VOLTAGE 80V 0.1A
SC-59 Types
Surface Mount Switching Diode
De
The SCS202ND is designed for ultra high speed switching.
SCS202ND marking: A3 and A3A
http://www.SeCoSGmbH.com
Elektronische Bauelemente
3
C ATHODE
ANODE
2
ANODE
1
scription
Dim
Min
Max
2.70
3.10
B
1.30
1.70
C
1.00
1.30
D
0.35
0.50
G
1.70
2.30
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
1.25
1.65
S
2.25
3.00
All Dimension in mm
SC-59
S
G
D
B
L
A
2
3
1
Top View
H
C
J
K
1
2
3
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Ts tg
-55 ~ +150
Peak Reverse Voltage
VRM
80
V
DC Reverse Voltage
VR
80
V
Mean Rectifying Current
IO
100
mA
Peak Forward Current
I FM
300
mA
Peak Forward Surge Current (1uSec)
I FSM
4
A
Total Power Dissipation
PD
200
mW
:
:
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Voltage
VR
80
-
V
IR=100uA
Forward Voltage
VF
-
1.2
V
IF=100mA
Reverse Current
IR
-
0.1
uA
VR=70V
Capacitance between terminals
CT
3.5
pF
VR=6V, f=1MHz
Reverse Recovery Time
Trr
-
4
nS
VR=6V, IF=5mA
01-Jun-2007 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS202ND

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202NF SECOS-SCS202NF Datasheet
668Kb / 2P
Dual Series Chips Surface Mount Switching Diode
SCS202NF SECOS-SCS202NF Datasheet
190Kb / 2P
Small Signal Switching Diode
SCS202NF SECOS-SCS202NF_09 Datasheet
190Kb / 2P
Small Signal Switching Diode
SCS202NF SECOS-SCS202NF_15 Datasheet
190Kb / 2P
Small Signal Switching Diode
SCS202NK SECOS-SCS202NK Datasheet
316Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
More results

Similar Description - SCS202ND

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA141KT1 MOTOROLA-M1MA141KT1 Datasheet
95Kb / 6P
SC-70/SOT-323 PACKAGE SINGLE SILICON SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT
M1MA151AT1 MOTOROLA-M1MA151AT1 Datasheet
81Kb / 6P
SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
M1MA151KT1 MOTOROLA-M1MA151KT1 Datasheet
83Kb / 6P
SC-59 PACKAGE SINGLE SILICON SWITCHING DIODES 40/80 V-100 mA SURFACE MOUNT
logo
GTM CORPORATION
G420SD GTM-G420SD Datasheet
239Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G421SD GTM-G421SD Datasheet
226Kb / 2P
SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F Datasheet
494Kb / 2P
Voltage 20V, Current 0.1A Surface Mount, Switching Diode
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
0.1A , 100V Surface Mount Switching Diode
logo
WILLAS ELECTRONIC CORP
SCS500V WILLAS-SCS500V Datasheet
331Kb / 4P
0.1A Surface Mount Schokky Diode-40V
logo
SHIKUES Electronics
SK2300A SKTECHNOLGY-SK2300A Datasheet
934Kb / 4P
SC-59 for Surface Mount Package
SK2301A SKTECHNOLGY-SK2301A Datasheet
750Kb / 3P
SC-59 for Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com