Electronic Components Datasheet Search
  English  ▼

X  

SCS202PF Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202PF
Description  Dual Series Chips Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202PF Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SCS202PF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202PF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCS202PF Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
SCS202PF
Dual Series Chips
Surface Mount Switching Diode
http://www.SeCoSGmbH.com
Elektronische Bauelemente
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
VR
=6V
FORWARD CURRENT : I F
(mA)
Reverse recovery time
P ULS E G E NE R AT OR
OUT P UT 50
S AMP LING
OS C ILLOS C OP E
50
0.01µF
100ns
INP UT
D.U.T .
trr
OUTP UT
0
5
R everse recovery time (trr) measurement circuit
01-Jun-2002 Rev. A
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com