Electronic Components Datasheet Search
  English  ▼

X  

SCS202PK Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202PK
Description  Plastic-Encapsulated Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202PK Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS202PK Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202PK Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS202PK
80 V, 300 mA
Plastic-Encapsulated
Small Signal Switching Diode
01-June-2008 Rev. C
Page 1 of 2
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
2
1
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High reliability
Suitable for high packing density layout
Fast reverse recovery time : trr = 1.5ns (typ.)
PACKAGING INFORMATION
Weight: 0.0078 g (Approx.)
MARKING CODE
P
ABSOLUTE MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Reverse Voltage
VRM
80
V
DC Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
mA
Average Forward Current
IO
100
mA
Power Dissipation
PD
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)
80
-
-
V
IR = 100 μA
Forward Voltage
VF
-
-
1.2
V
IF = 100 mA
Reverse Voltage Leakage Current
IR
-
-
0.1
μA
VR = 70V
Diode Capacitance
CD
-
-
3.5
pF
VR = 6 V, f = 1 MHz
Reverse Recovery Time
trr
-
-
4.0
ns
VR = 6 V, IF = 5 mA
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.80
2.00
L
0.89
1.02
F
0.30
0.50


Similar Part No. - SCS202PK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202PK SECOS-SCS202PK_15 Datasheet
197Kb / 2P
Small Signal Switching Diode
More results

Similar Description - SCS202PK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202NK SECOS-SCS202NK Datasheet
316Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS193K SECOS-SCS193K Datasheet
311Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_09 Datasheet
380Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS202NK SECOS-SCS202NK_11 Datasheet
325Kb / 2P
0.3A , 80V Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_11 Datasheet
351Kb / 2P
0.3A , 85V Plastic-Encapsulated Small Signal Switching Diode
SCS193K SECOS-SCS193K_15 Datasheet
311Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_15 Datasheet
351Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
SCS226K_15 SECOS-SCS226K_15_07 Datasheet
351Kb / 2P
Plastic-Encapsulated Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com