Electronic Components Datasheet Search
  English  ▼

X  

SN54HC253 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC253
Description  DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC253 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC253 Datasheet HTML 1Page - Texas Instruments SN54HC253 Datasheet HTML 2Page - Texas Instruments SN54HC253 Datasheet HTML 3Page - Texas Instruments SN54HC253 Datasheet HTML 4Page - Texas Instruments SN54HC253 Datasheet HTML 5Page - Texas Instruments SN54HC253 Datasheet HTML 6Page - Texas Instruments SN54HC253 Datasheet HTML 7Page - Texas Instruments SN54HC253 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54HC253, SN74HC253
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
WITH 3-STATE OUTPUTS
SCLS133B – DECEMBER 1982 – REVISED MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-State Version of ’HC153
D High-Current Inverting Outputs Drive up to
15 LSTTL Loads
D Permit Multiplexing from n Lines to One
Line
D Perform Parallel-to-Serial Conversion
D Package Options Include Plastic
Small-Outline (D) and Ceramic Flat (W)
Packages, Ceramic Chip Carriers (FK), and
Standard Plastic (N) and Ceramic (J)
300-mil DIPs
description
Each of these data selectors/multiplexers contain
inverters and drivers to supply full binary decoding
data selection to the AND-OR gates. Separate
output-control inputs are provided for each of the
two 4-line sections.
The 3-state outputs can interface with and drive
data lines of bus-organized systems. With all but
one of the common outputs disabled (at the
high-impedance state), the low impedance of the
single enabled output drives the bus line to a high
or low logic level. Each output has its own
output-enable (OE) input. The outputs are
disabled when their respective OE is high.
The SN54HC253 is characterized for operation over the full military temperature range of –55
°C to 125°C. The
SN74HC253 is characterized for operation from –40
°C to 85 °C.
FUNCTION TABLE
INPUTS
OUTPUT
SELECT†
DATA
OE
OUTPUT
Y
B
A
C0
C1
C2
C3
OE
Y
X
X
X
X
X
X
H
Z
L
LL
XX
X
L
L
L
LH
XX
X
L
H
L
HX
LX
XL
L
L
HX
HX
X
L
H
H
LX
XL
XL
L
H
LX
XH
X
L
H
H
HX
XX
L
L
L
H
H
X
X
X
H
L
H
† Select inputs A and B are common to both sections.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54HC253 ...J OR W PACKAGE
SN74HC253 . . . D OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
A
2C3
NC
2C2
2C1
1C3
1C2
NC
1C1
1C0
SN54HC253 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
B
1C3
1C2
1C1
1C0
1Y
GND
VCC
2OE
A
2C3
2C2
2C1
2C0
2Y
NC – No internal connection
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC253 TI2-SN54HC253 Datasheet
787Kb / 13P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
JANUARY 2004
SN54HC253 TI2-SN54HC253 Datasheet
798Kb / 19P
SN74HC253-Q1 Automotive Dual 4-Line To 1-Line Data Selector/Multiplexer With 3- State Outputs
REVISED JANUARY 2025
SN54HC253J TI1-SN54HC253J Datasheet
995Kb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54HC253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54LS253 TI-SN54LS253 Datasheet
635Kb / 14P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC253 HITACHI-HD74HC253 Datasheet
33Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74HC353 HITACHI-HD74HC353 Datasheet
50Kb / 9P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
HD74LS253 HITACHI-HD74LS253 Datasheet
73Kb / 7P
Dual 4-line-to-1-line Data Selectors/Multiplexers(with three-state outputs)
logo
Texas Instruments
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS253 RENESAS-HD74LS253 Datasheet
176Kb / 6P
Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
HD74HC253 RENESAS-HD74HC253 Datasheet
86Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com