Electronic Components Datasheet Search
  English  ▼

X  

D201ERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D201ERU
Description  Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D201ERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D201ERU Datasheet HTML 1Page - MicroPower Direct, LLC D201ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201ERU
24
9.0 - 36.0
114
35
3.3
500.0
50.0
73
500
D202ERU
24
9.0 - 36.0
111
35
5.0
400.0
40.0
75
500
D203ERU
24
9.0 - 36.0
107
35
9.0
222.0
22.0
78
500
D204ERU
24
9.0 - 36.0
102
35
12.0
167.0
16.0
82
500
D205ERU
24
9.0 - 36.0
103
35
15.0
133.0
13.0
81
500
D206ERU
24
9.0 - 36.0
110
35
±5.0
±200.0
±20.0
76
500
D207ERU
24
9.0 - 36.0
107
35
±9.0
±111.0
±11.0
78
500
D208ERU
24
9.0 - 36.0
102
35
±12.0
±83.0
±8.0
82
500
D209ERU
24
9.0 - 36.0
103
35
±15.0
±67.0
±7.0
81
500
D211ERU
48
18.0 - 72.0
58
15
3.3
500.0
50.0
72
200
D212ERU
48
18.0 - 72.0
55
15
5.0
400.0
40.0
76
200
D213ERU
48
18.0 - 72.0
53
15
9.0
222.0
22.0
78
200
D214ERU
48
18.0 - 72.0
51
15
12.0
167.0
16.0
81
200
D215ERU
48
18.0 - 72.0
52
15
15.0
133.0
13.0
80
200
D216ERU
48
18.0 - 72.0
55
15
±5.0
±200.0
±20.0
75
200
D217ERU
48
18.0 - 72.0
54
15
±9.0
±111.0
±11.0
77
200
D218ERU
48
18.0 - 72.0
51
15
±12.0
±83.0
±8.0
81
200
D219ERU
48
18.0 - 72.0
52
15
±15.0
±67.0
±7.0
80
200
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
7
NC
Common
2
+Vin
+Vin
8
NC
NC
3
Remote ON/OFF
9
-Vout
-Vout
6
+Vout
+Vout
NC = No Connection
Pin Connections
Notes:
1. When measuring output ripple, it is recommended that an external ceramic capacitor
(approx. 1 µF to 10 µF) be placed from the +Vout pin to the -Vout pin for single output
units and from each output to common for dual output units.
2. These units should not be operated with a load under 10% of full load. Operation at
no-load may cause damage to the unit.
3. These converters are specified for
operation without external compo-
nents. However, in some applica-
tions the addition of input/output
capacitors will enhance stability and
reduce output ripple. Recommended
capacitor values are given at right.
Output ripple on single output units
may be further enhanced by using
the CS terminal (single output units
operated at 50% load or below
should use this function). A low ESR capacitor is connected between the CS pin and the
-Vout pin (the capcitor anode connected to the -Vout pin). Recommended capacitor
values are given in the table at right. If not used, the CS pin should be left open.
4. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do
this, connect the load across the +Vout and -Vout outputs and float the output com-
mon.
5. The remote on/off control pin is referenced to
the -Vin pin. Input current to the pin should
be between 5 - 10 mA with a maximum of 20
mA.
6. It is recommended that a fuse be used on the
input of a power supply for protection. See the Model Selection
table above for the correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
12 VDC
100
µF
5 VDC
47
µF
15 VDC
100
µF
9 VDC
47
µF
24 VDC
10
µF
12 VDC
47
µF
48 VDC
10
µF
15 VDC
47
µF
Output Voltage
3.3
5
9
12
15
820
µF
660
µF
470
µF
330
µF
220
µF
±5
±9
±12
±15
±330
µF ±220 µF ±150 µF ±120 µF
Min
Max
On
<0.6 VDC to Open Circuit
Off
2.7 VDC
15.0 VDC
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Mechanic
• All dime
• Toleranc
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve
Max. Capacitive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com