Electronic Components Datasheet Search
  English  ▼

X  

D213ED Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D213ED
Description  Very Low Cost, 2W SIP Dual Isolated Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D213ED Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D213ED Datasheet HTML 1Page - MicroPower Direct, LLC D213ED Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 2W Output Power
• Miniature SIP Case
• UL Approved (File E245422)
• Dual Isolated Outputs
• 1,000 VDC Isolation
• >3.5 MHour MTBF
• 12 Standard Models
• Industry Standard Pin-Out
• LOWEST COST!!
D200ED
Very Low Cost, 2W SIP
Dual Isolated Output
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Reverse Polarity Input Current
0.3
A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation
Iout = 10% to 100%
±15.0
Ripple (20 MHz)
See Note 2
75
150
mV P - P
Noise (20 MHz)
See Note 2
150
250
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, Input/Output
60 Seconds
1,000
VDC
Isolation Voltage, Output/Output
1,000
VDC
Isolation Resistance
500 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
70
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.77 x 0.28 x 0.39 Inches (19.6 x 7.0 x 10.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.09 Oz (2.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant


Similar Part No. - D213ED

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D213E MPD-D213E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D213EI MPD-D213EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
D213ERU MPD-D213ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D213ERU MPD-D213ERU Datasheet
319Kb / 2P
D200ERU SERIES
D213ERW MPD-D213ERW Datasheet
188Kb / 2P
Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
More results

Similar Description - D213ED

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
logo
MicroPower Direct, LLC
D100ED MPD-D100ED Datasheet
209Kb / 2P
Very Low Cost, 1W SIP Dual Isolated Output DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
LF200ED MPD-LF200ED Datasheet
263Kb / 2P
Low Cost, 2W SMT Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com