Electronic Components Datasheet Search
  English  ▼

X  

D211RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D211RU
Description  Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D211RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D211RU Datasheet HTML 1Page - MicroPower Direct, LLC D211RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external
0.47 μF ceramic capacitor be placed from the +Vout pin to the
-Vout pin for single output units and from each output to common
for dual output units. For noise sensitive applications, the use of
3.3 μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a
load step change of 75% to 100%.
3. Operation at no-load will not damage these units. However, they
may not meet all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC,
or 30 VDC output. To do this, connect the load across the positive
(+Vout) and negative (-Vout) outputs and float the output com-
mon.
5. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect
the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines,
it may be necessary to use a capacitor on the input to insure start-
up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100
kHz) capacitor be mounted close to the converter. For all models,
it is recommended a 1.5 μF be used.
6. The optional remote
on/off control pin
is referenced to
the
-Vin pin.
The standby input
current is typically
0.1 mA (0.2 ma
maximum).
7. It is recommended that a fuse be used on the input of a power sup-
ply for protection. See the table above for the correct rating.
Model
Number
Input
Output
Reflected
Ripple
Current (mA)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201RU
24
9.0 - 36.0
97
20
3.3
500.0
125.0
300
71
350
D202RU
24
9.0 - 36.0
110
20
5.0
400.0
100.0
300
76
350
D203RU
24
9.0 - 36.0
106
20
12.0
167.0
42.0
300
79
350
D204RU
24
9.0 - 36.0
105
20
15.0
134.0
33.0
300
80
350
D205RU
24
9.0 - 36.0
114
20
±5.0
±200.0
±50.0
300
73
350
D206RU
24
9.0 - 36.0
108
20
±12.0
±83.0
±21.0
300
77
350
D207RU
24
9.0 - 36.0
106
20
±15.0
±67.0
±17.0
300
79
350
D211RU
48
18.0 - 75.0
49
15
3.3
500.0
125.0
600
70
135
D212RU
48
18.0 - 75.0
58
15
5.0
400.0
100.0
600
72
135
D213RU
48
18.0 - 75.0
54
15
12.0
167.0
42.0
600
78
135
D214RU
48
18.0 - 75.0
54
15
15.0
134.0
33.0
600
78
135
D215RU
48
18.0 - 75.0
60
15
±5.0
±200.0
±50.0
600
70
135
D216RU
48
18.0 - 75.0
55
15
±12.0
±83.0
±21.0
600
76
135
D217RU
48
18.0 - 75.0
55
15
±15.0
±67.0
±17.0
600
76
135
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote ON/OFF
6
+Vout
+Vout
7
NC
Common
8NC
NC
9
-Vout
-Vout
NF = No Connection
Pin Connections
Output (VDC)
μF Max
3.3
2,200
5.0
1,000
12.0
170
15.0
110
±5.0
470
±12.0
100
±15.0
47
Note: For dual output
units, Cap load is given for
each output.
Capacitive Load
Min
Max
On
<0.6 VDC to Open Circuit
Off
2.7 VDC
15.0 VDC
In. Current (on)
-1 mA
In. Current (off)
1 mA
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com