Electronic Components Datasheet Search
  English  ▼

X  

D205RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # D205RW
Description  Miniature SIP, 2W Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D205RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  D205RW Datasheet HTML 1Page - MicroPower Direct, LLC D205RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 2W Output Power
• 2:1 Input Voltage Range
• 1,000 VDC Isolation
• Short Circuit Protected
• Miniature SIP Case
• Single & Dual Outputs
• 2.7 MH MTBF
• Industry Standard Pin-Out
D200RW
Miniature SIP, 2W
Wide Input Range
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
9.0
VDC
12 VDC Input
9.0
12.0
18.0
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
72.0
Input Filter
Capacitor Filter
Input Reflected Ripple Current
35
mA P - P
Reverse Polarity Input Current
1.0
A
Short Circuit Input Power
1,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
%
Output Voltage Balance
±2.0
%
Line Regulation
Vin = Min to Max
±0.5
%
Load Regulation
Iout = 25% to 100%
±1.0
%
Ripple & Noise (20 MHz)
80
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
1,000 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
100
650
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-40
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.86 x 0.36 x 0.44 Inches (21.89 x 9.2 x 11.2 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.17 Oz (4.8g)
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Unit On (Note 2)
0
0.8
VDC
Unit Off (Note 2)
5.0
VDC
Off Idle Current
5.0
mA
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.73
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
12.0
VDC
12 VDC Input
-0.7
24.0
24 VDC Input
-0.7
40.0
48 VDC Input
-0.7
80.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Internal Power Dissipation
All Models
1,800
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - D205RW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D205RP ETC1-D205RP Datasheet
91Kb / 2P
Short Circuit Protected Regulated, 2W SIP DC/DC Converters
D205RPI ETC1-D205RPI Datasheet
59Kb / 2P
2W, High Isolation, SIP Regulated, Short Circuit Protected DC/DC Converters
logo
MicroPower Direct, LLC
D205RU MPD-D205RU Datasheet
223Kb / 2P
Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
More results

Similar Description - D205RW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
D221RW ETC1-D221RW Datasheet
70Kb / 2P
Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200ERU MPD-D200ERU Datasheet
205Kb / 2P
Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
LF200RW MPD-LF200RW Datasheet
174Kb / 2P
Miniature SMT, 2W Wide Input Range DC/DC Converters
MD200MEHI MPD-MD200MEHI Datasheet
439Kb / 3P
Miniature, 2W SIP Medical Approved DC/DC Converters
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
Wide Input, 2W Ultra-Miniature DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com