Electronic Components Datasheet Search
  English  ▼

X  

D223I Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D223I
Description  High Isolation Miniature, 2W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D223I Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D223I Datasheet HTML 1Page - MicroPower Direct, LLC D223I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx =
±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the side of the unit
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. These units do not require external components to operate, but the use of an input ca-
pacitor (10 μF) may enhance performance in some applications. It is recommended that an
input capacitor of 4.7 uF to 47 uF (dependent upon the application) be used on 48V input
model.
An output capacitor (4.7 μF to 220 μF or ±4.7 μF to ±100 μF) may be used to reduce ripple.
To improve EMI performance, a simple filter network consisting of a 10 uF to 100 uF capaci-
tor and 12 uH inductor should be effective.
3. These units will operate at no load without damage, but may not meet all specifications.
4. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the
output common.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Other input/output combinations are available
(i.e. 24.0 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
Single Output
(μF Max)
Dual Output
(μF Max)
470
±220
Capacitive Load
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201I
5
4.5 - 5.5
367
30
3.3
400.0
10.0
20
72
1,000
D202I
5
4.5 - 5.5
512
30
5.0
400.0
8.0
10
78
1,000
D203I
5
4.5 - 5.5
500
30
12.0
165.0
3.5
10
82
1,000
D204I
5
4.5 - 5.5
500
30
15.0
133.0
2.7
10
82
1,000
D205I
5
4.5 - 5.5
555
30
±5.0
±200.0
±4.0
10
72
1,000
D206I
5
4.5 - 5.5
512
30
±12.0
±83.3
±1.7
10
78
1,000
D207I
5
4.5 - 5.5
500
30
±15.0
±66.6
±1.4
10
80
1,000
D211I
12
10.8 - 13.2
169
20
3.3
400.0
10.0
20
65
500
D212I
12
10.8 - 13.2
216
20
5.0
400.0
8.0
10
77
500
D213I
12
10.8 - 13.2
203
20
12.0
165.0
3.5
10
82
500
D214I
12
10.8 - 13.2
203
20
15.0
133.0
2.7
10
82
500
D215I
12
10.8 - 13.2
222
20
±5.0
±200.0
±4.0
10
75
500
D216I
12
10.8 - 13.2
203
20
±12.0
±83.3
±1.7
10
82
500
D217I
12
10.8 - 13.2
203
20
±15.0
±66.6
±1.4
10
82
500
D221I
24
21.6 - 26.4
76
10
3.3
400.0
10.0
20
72
200
D222I
24
21.6 - 26.4
105
10
5.0
400.0
8.0
10
79
200
D223I
24
21.6 - 26.4
102
10
12.0
165.0
3.5
10
80
200
D224I
24
21.6 - 26.4
101
10
15.0
133.0
2.7
10
82
200
D225I
24
21.6 - 26.4
111
10
±5.0
±200.0
±4.0
10
75
200
D226I
24
21.6 - 26.4
101
10
±12.0
±83.3
±1.7
10
82
200
D227I
24
21.6 - 26.4
101
10
±15.0
±66.6
±1.4
10
82
200
D231I
48
43.2 - 52.8
45
6
3.3
400.0
10.0
20
60
100
D232I
48
43.2 - 52.8
54
6
5.0
400.0
8.0
10
77
100
D233I
48
43.2 - 52.8
53
6
12.0
165.0
3.5
10
78
100
D234I
48
43.2 - 52.8
53
6
15.0
133.0
2.7
10
78
100
D235I
48
43.2 - 52.8
57
6
±5.0
±200.0
±4.0
10
73
100
D236I
48
43.2 - 52.8
52
6
±12.0
±83.3
±1.7
10
80
100
D237I
48
43.2 - 52.8
52
6
±15.0
±66.6
±1.4
10
80
100
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
Notes:
• All dimensio
• Tolerance x
• Pin 1 is mar
on the side
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com