Electronic Components Datasheet Search
  English  ▼

X  

D216RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D216RW
Description  Miniature SIP, 2W Wide Input Range DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D216RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D216RW Datasheet HTML 1Page - MicroPower Direct, LLC D216RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. An external capacitor should be placed from the +Vout pin to the -Vout pin for
single output units and from each output to common for dual output units. For
single output units a 100 µF is recommended, for dual output models ±48 µF
should be used.
2. The Remote On/Off Control input (Pin 3) is referenced to -Vin (Pin 1). Connection
to the pin should be made through a 1kΩ resistor and diode (1N4148). If it is
not used, the control pin should be left open or tied directly to -Vin (Pin 1).
3. Operation at no-load will not damage these units. However, they may not
meet all specifications.
4. Dual output units may be connected to provide a 10 VDC, 24 VDC, 30 VDC or
48 VDC output. To do this, connect the load across the positive (+Vout) and
negative (-Vout) outputs and float the output common.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201RW
5
4.5 - 9.0
492
15
3.3
500.0
125.0
67
3,300
1,500
D202RW
5
4.5 - 9.0
571
15
5.0
400.0
100.0
70
3,300
1,500
D203RW
5
4.5 - 9.0
555
30
12.0
167.0
42.0
72
470
1,500
D204RW
5
4.5 - 9.0
547
30
15.0
133.0
33.0
73
470
1,500
D205RW
5
4.5 - 9.0
571
20
±5.0
±200.0
±50.0
70
±1,000
1,500
D206RW
5
4.5 - 9.0
533
25
±12.0
±83.0
±21.0
75
±220
1,500
D207RW
5
4.5 - 9.0
533
25
±15.0
±67.0
±17.0
75
±220
1,500
D208RW
5
4.5 - 9.0
563
60
±24.0
±42.0
±10.0
71
±100
1,500
D211RW
12
9.0 - 18.0
205
15
3.3
500.0
125.0
67
3,300
700
D212RW
12
9.0 - 18.0
216
15
5.0
400.0
100.0
77
3,300
700
D213RW
12
9.0 - 18.0
208
15
12.0
167.0
42.0
80
470
700
D214RW
12
9.0 - 18.0
213
15
15.0
133.0
33.0
78
470
700
D215RW
12
9.0 - 18.0
222
15
±5.0
±200.0
±50.0
75
±1,000
700
D216RW
12
9.0 - 18.0
208
15
±12.0
±83.0
±21.0
80
±220
700
D217RW
12
9.0 - 18.0
210
15
±15.0
±67.0
±17.0
79
±220
700
D218RW
12
9.0 - 18.0
219
30
±24.0
±42.0
±10.0
76
±100
700
D221RW
24
18.0 - 36.0
98
8
3.3
500.0
125.0
70
3,300
350
D222RW
24
18.0 - 36.0
108
8
5.0
400.0
100.0
77
3,300
350
D223RW
24
18.0 - 36.0
104
8
12.0
167.0
42.0
80
470
350
D224RW
24
18.0 - 36.0
104
8
15.0
133.0
33.0
80
470
350
D225RW
24
18.0 - 36.0
106
8
±5.0
±200.0
±50.0
78
±1,000
350
D226RW
24
18.0 - 36.0
104
8
±12.0
±83.0
±21.0
80
±220
350
D227RW
24
18.0 - 36.0
104
8
±15.0
±67.0
±17.0
80
±220
350
D228RW
24
18.0 - 36.0
106
20
±24.0
±42.0
±10.0
78
±100
350
D231RW
48
36.0 - 72.0
48
6
3.3
500.0
125.0
71
3,300
135
D232RW
48
36.0 - 72.0
56
6
5.0
400.0
100.0
74
3,300
135
D233RW
48
36.0 - 72.0
53
6
12.0
167.0
42.0
78
470
135
D234RW
48
36.0 - 72.0
53
6
15.0
133.0
33.0
78
470
135
D235RW
48
36.0 - 72.0
56
6
±5.0
±200.0
±50.0
74
±1,000
135
D236RW
48
36.0 - 72.0
53
6
±12.0
±83.0
±21.0
79
±220
135
D237RW
48
36.0 - 72.0
52
6
±15.0
±67.0
±17.0
80
±220
135
D238RW
48
36.0 - 72.0
55
12
±24.0
±42.0
±10.0
75
±100
135
Pin
Single
Dual
1
-Vin
-Vin
2
+Vin
+Vin
3
Remote ON/OFF
5NC
NC
6
+Vout
+Vout
7
-Vout
Common
8
NC
-Vout
NC = No Connection
Pin Connections
NC
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve
Other input/output combinations are available
(i.e. 9.0 VDC). Contact the factory for details at:
sales@micropowerdirect.com
A metal case is available
Contact the factory for details at:
sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com