Electronic Components Datasheet Search
  English  ▼

X  

HC20 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC20
Description  DUAL 4-INPUT POSITIVE-NAND GATES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC20 Datasheet(HTML) 1 Page - Texas Instruments

  HC20 Datasheet HTML 1Page - Texas Instruments HC20 Datasheet HTML 2Page - Texas Instruments HC20 Datasheet HTML 3Page - Texas Instruments HC20 Datasheet HTML 4Page - Texas Instruments HC20 Datasheet HTML 5Page - Texas Instruments HC20 Datasheet HTML 6Page - Texas Instruments HC20 Datasheet HTML 7Page - Texas Instruments HC20 Datasheet HTML 8Page - Texas Instruments HC20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC20, SN74HC20
DUAL 4INPUT POSITIVENAND GATES
SCLS086F − DECEMBER 1982 − REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 11 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54HC20 ...J OR W PACKAGE
SN74HC20 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
SN54HC20 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
description/ordering information
The ’HC20 devices contain two independent 4-input NAND gates. They perform the Boolean function
Y = A
• B • C • D or Y = A + B + C + D in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC20N
SN74HC20N
Tube of 50
SN74HC20D
SOIC − D
Reel of 2500
SN74HC20DR
HC20
SOIC − D
Reel of 250
SN74HC20DT
HC20
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC20NSR
HC20
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC20DBR
HC20
Tube of 90
SN74HC20PW
TSSOP − PW
Reel of 2000
SN74HC20PWR
HC20
TSSOP − PW
Reel of 250
SN74HC20PWT
HC20
CDIP − J
Tube of 25
SNJ54HC20J
SNJ54HC20J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC20W
SNJ54HC20W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC20FK
SNJ54HC20FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - HC20

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HC20 GETEDZ-HC20 Datasheet
120Kb / 1P
20kV 0.6A HIGH VOLTAGE DIODES
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
HIGH-PERFORMANCE CMOS GATE ARRAY
logo
auris-GmbH
HC2016 AURIS-HC2016 Datasheet
55Kb / 1P
Quartz SMD, Ceramic
HC2016/4 AURIS-HC2016/4 Datasheet
55Kb / 1P
Quartz SMD, Ceramic
logo
WORLDSEMI CO., LIMITED
HC202S WORLDSEMI-HC202S Datasheet
93Kb / 2P
Controller Specification
More results

Similar Description - HC20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5420 TI-SN5420 Datasheet
247Kb / 7P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54ALS20A TI-SN54ALS20A Datasheet
95Kb / 6P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54F20 TI-SN54F20 Datasheet
68Kb / 5P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS20 RENESAS-HD74LS20 Datasheet
66Kb / 6P
Dual 4-input Positive NAND Gates
logo
Texas Instruments
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
DUAL 4-INPUT POSITIVE-NAND GATES
5962-8858901DA TI1-5962-8858901DA Datasheet
1Mb / 18P
DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV20A RENESAS-HD74LV20A_15 Datasheet
94Kb / 11P
Dual 4-input Positive NAND Gates
logo
Texas Instruments
CD54ACT20 TI1-CD54ACT20 Datasheet
871Kb / 13P
DUAL 4-INPUT POSITIVE-NAND GATES
SN54HC20 TI1-SN54HC20_15 Datasheet
1Mb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
DUAL 4-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com