Electronic Components Datasheet Search
  English  ▼

X  

D239ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D239ERW
Description  Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D239ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D239ERW Datasheet HTML 1Page - MicroPower Direct, LLC D239ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201ERW
5
4.5 - 9.0
508
40
3.3
500.0
50.0
65
1,500
D202ERW
5
4.5 - 9.0
588
40
5.0
400.0
40.0
68
1,500
D203ERW
5
4.5 - 9.0
555
40
9.0
222.0
22.0
72
1,500
D204ERW
5
4.5 - 9.0
547
40
12.0
166.0
16.0
73
1,500
D205ERW
5
4.5 - 9.0
555
40
15.0
133.0
13.0
72
1,500
D206ERW
5
4.5 - 9.0
547
40
24.0
83.0
8.0
73
1,500
D207ERW
5
4.5 - 9.0
597
40
±5.0
±200.0
±20.0
67
1,500
D208ERW
5
4.5 - 9.0
555
40
±12.0
±83.0
±8.0
72
1,500
D209ERW
5
4.5 - 9.0
547
40
±15.0
±66.0
±7.0
73
1,500
D211ERW
12
9.0 - 18.0
191
20
3.3
500.0
50.0
72
700
D212ERW
12
9.0 - 18.0
216
20
5.0
400.0
40.0
77
700
D213ERW
12
9.0 - 18.0
211
20
9.0
222.0
22.0
79
700
D214ERW
12
9.0 - 18.0
206
20
12.0
166.0
16.0
81
700
D215ERW
12
9.0 - 18.0
208
20
15.0
133.0
13.0
80
700
D216ERW
12
9.0 - 18.0
208
20
24.0
83.0
8.0
80
700
D217ERW
12
9.0 - 18.0
222
20
±5.0
±200.0
±20.0
75
700
D218ERW
12
9.0 - 18.0
214
20
±12.0
±83.0
±8.0
78
700
D219ERW
12
9.0 - 18.0
214
20
±15.0
±66.0
±7.0
78
700
D221ERW
24
18.0 - 36.0
96
10
3.3
500.0
50.0
72
350
D222ERW
24
18.0 - 36.0
108
10
5.0
400.0
40.0
77
350
D223ERW
24
18.0 - 36.0
105
10
9.0
222.0
22.0
79
350
D224ERW
24
18.0 - 36.0
103
10
12.0
166.0
16.0
81
350
D225ERW
24
18.0 - 36.0
104
10
15.0
133.0
13.0
80
350
D226ERW
24
18.0 - 36.0
104
10
24.0
83.0
8.0
80
350
D227ERW
24
18.0 - 36.0
109
10
±5.0
±200.0
±20.0
76
350
D228ERW
24
18.0 - 36.0
105
10
±12.0
±83.0
±8.0
79
350
D229ERW
24
18.0 - 36.0
107
10
±15.0
±66.0
±7.0
78
350
D231ERW
48
36.0 - 72.0
48
5
3.3
500.0
50.0
71
135
D232ERW
48
36.0 - 72.0
55
5
5.0
400.0
40.0
75
135
D233ERW
48
36.0 - 72.0
53
5
9.0
222.0
22.0
79
135
D234ERW
48
36.0 - 72.0
52
5
12.0
166.0
16.0
80
135
D235ERW
48
36.0 - 72.0
53
5
15.0
133.0
13.0
79
135
D236ERW
48
36.0 - 72.0
52
5
24.0
83.0
8.0
80
135
D237ERW
48
36.0 - 72.0
55
5
±5.0
±200.0
±20.0
75
135
D238ERW
48
36.0 - 72.0
52
5
±12.0
±83.0
±8.0
80
135
D239ERW
48
36.0 - 72.0
52
5
±15.0
±66.0
±7.0
80
135
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
6
+Vout
+Vout
2
+Vin
+Vin
7
-Vout
Common
3
Remote ON/OFF
8
CS
-Vout
5NF
NF
NF = No Function
Pin Connections
Notes:
1. When measuring output ripple, it is recommended that an external ceramic capacitor (approx. 1 µF to 10 µF) be
placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual
output units.
2. These units should not be operated with a load under
10% of full load. Operation at no-load may cause
damage to the unit.
3. These converters are specified for operation without
external components. However, in some applications
the addition of input/output capacitors will enhance
stability and reduce output ripple. Recommended
capacitor values are given at right.
Output ripple on single output units may be further
enhanced by using the CS terminal (single output
units operated at 50% load or below should use this function). A
low ESR capacitor is connected between the CS pin and the -Vout
pin (the capcitor anode connected to the -Vout pin). Recommended
capacitor values are given in the table at right. If not used, the CS
pin should be left open.
4. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this, connect the load across
the +Vout and -Vout outputs and float the output common.
5. The remote on/off control pin is referenced to the -Vin pin. Input current
to the pin should be between 5 - 10 mA with a maximum of 20 mA.
6. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
0 - 70ºC
(Electrolitic)
-40 - 85ºC
(Tantalum)
5 VDC
100
µF
5 VDC
100
µF
47
µF
12 VDC
100
µF
9 VDC
100
µF
47
µF
24 VDC
10
µF
12 VDC
100
µF
47
µF
48 VDC
10
µF
15 VDC
100
µF
47
µF
Output Voltage
3.3V
5V
9V
12V
15V
24V
CS
47
µF - 100 µF
22
µF - 47 µF
Min
Max
On
<0.6 VDC to Open Circuit
Off
2.7 VDC
15.0 VDC
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com