Electronic Components Datasheet Search
  English  ▼

X  

SCS715W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS715W
Description  0.03 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS715W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS715W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS715W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS715W
VOLTAGE 40V
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SOT-523
●FEATURES
. Small Surface Mounting Type
. Low Reverse Current and Low Forward Voltage
. High Reliability
●MECHANICAL DATA
. Case: SOT-523, Molded Plastic
. Terminals: Solderable per MIL-STD-202,
Method 208
. Polarity: See Diagrams Below
. Mounting Position: Any
●MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SCS715W
UNITS
Maximum Recurrent Peak Reverse Voltage
VRM
40
V
DC Reverse Voltage
VR
40
V
Maximum Average Forward Rectified Current
IF
30
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
200
mA
Maximum Instantaneous Forward Voltage @ IF=1.0 mA
VF
0.37
V
Maximum DC Reverse Current, Ta=25℃ @ VR=10 V
IR
1
µA
Capacitance Between Terminals, VR=1V, f=1MHz
CT
2.0
pF
Operating Temperature Range
TJ
125
℃
Storage Temperature Range
TSTG
-40 ~ +125
℃
Note: ESD sensitive product handling required
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
L
A
B S
G
V
3
1
2
1
2
3
3
C AT HODE /ANODE
1
ANODE
2
C AT HODE
SCS715W Marking : 3D
Dim
Min
Max
A
1.500
1.700
B
0.780
0.820
C
0.800
0.820
D
0.280
0.320
G
0.900
1.100
H
0.000
0.100
J
0.100
0.200
K
0.350
0.410
L
0.490
0.510
S
1.500
1.700
V
0.280
0.320
All Dimension in mm
SOT-523
K
J
C
H
D
Top View
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SCS715W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS715F SECOS-SCS715F Datasheet
654Kb / 2P
0.03AMP Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_15 Datasheet
655Kb / 2P
0.03AMP Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_16 Datasheet
360Kb / 2P
0.03 AMP Schottky Barrier Diode
SCS715T SECOS-SCS715T Datasheet
126Kb / 2P
30 mA, 40 V Small Signal Schottky Diode
SCS715T SECOS-SCS715T_15 Datasheet
126Kb / 2P
Small Signal Schottky Diode
More results

Similar Description - SCS715W

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS731DW SECOS-SCS731DW Datasheet
153Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers Array
SCS751G SECOS-SCS751G Datasheet
150Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S Datasheet
79Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40 Datasheet
129Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751S SECOS-SCS751S_09 Datasheet
73Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V-40 SECOS-SCS751V-40_09 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS751V SECOS-SCS751V_15 Datasheet
149Kb / 2P
0.03 Amp Surface Mount Schottky Barrier Rectifiers
SCS715F SECOS-SCS715F_16 Datasheet
360Kb / 2P
0.03 AMP Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com