Electronic Components Datasheet Search
  English  ▼

X  

DM106E Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # DM106E
Description  UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

DM106E Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  DM106E Datasheet HTML 1Page - MicroPower Direct, LLC DM106E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the
side of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
DM101E
5
4.5 - 5.5
273
30
5.0
200.0
20.0
15
73
500
DM102E
5
4.5 - 5.5
270
30
12.0
83.0
9.0
15
74
500
DM103E
5
4.5 - 5.5
263
30
15.0
67.0
7.0
15
76
500
DM104E
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
DM105E
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
15
78
500
DM106E
5
4.5 - 5.5
256
30
±15.0
±33.0
±4.0
15
78
500
DM111E
12
10.8 - 13.2
107
15
5.0
200.0
20.0
15
78
200
DM112E
12
10.8 - 13.2
103
15
12.0
83.0
9.0
15
81
200
DM113E
12
10.8 - 13.2
105
15
15.0
67.0
7.0
15
79
200
DM114E
12
10.8 - 13.2
114
15
±5.0
±100.0
±10.0
15
73
200
DM115E
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
DM116E
12
10.8 - 13.2
105
15
±15.0
±33.0
±4.0
15
79
200
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
5
No Pin
Common
2
-Vin
-Vin
6
+Vout
+Vout
4
-Vout
-Vout
Derating Curve
Notes:
1. Output load regulation is specified for a load change of
10% to 100%.
2. These units should not be operated with a load under 10%
of full load. Operation at no-load may cause damage to
the unit.
3. These converters will operate without external components.
However, when measuring output ripple, it is recommended
that an external ceramic capacitor be placed from the +Vout
pin to the -Vout pin for single output units and from each
output to common for dual output units. An input capaci-
tor will enhace stability over temperature and input line
variations. Recommended capacitor values are given in
the table above. For applications requiring very low output
noise levels, a simple LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 24V
or 30 VDC output. To do this, connect the load across the
positive (+Vout) and negative (-Vout) outputs and float the
output common
5. It is recommended that a fuse be used on the input of a
power supply for protection. See the Model Selection table
above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7
µF
5 VDC
10.0
µF
4.7
µF
12 VDC
2.2
µF
12 VDC
2.2
µF
1.0
µF
15 VDC
1.0
µF
0.47
µF
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com