Electronic Components Datasheet Search
  English  ▼

X  

SD103CW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SD103CW
Description  0.35AMP Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD103CW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SD103CW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD103CW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SD103AW THRU SD103CW
VOLTAGE 20V ~ 40V
0.35AMP Surface Mount Schottky Barrier Rectifiers
●ELECTRICAL CHARACTERISTICS
TYPE NUMBER
SYMBOL
TEST CONDITION
Min.
Typ.
Max.
UNIT
SD103AW
40
SD103BW
30
Reverse Forward Voltage
(Note2)
SD103CW
V(BR)R
IR=10µA
20
-
-
V
IF=20mA
0.37
Forward Voltage Drop
VFM
IF=200mA
-
-
0.60
V
SD103AW
VR=30V
SD103BW
VR=20V
Peak Reverse Current
SD103CW
IRM
VR=10V
-
-
5.0
µA
Junction Capacitance
Cj
VR=0V, f=1.0MHz
-
50
-
pF
IF=IR=200mA,
Reverse Recovery Time
trr
Irr=0.1xIR, RL=100Ω
-
10
-
ns
Note:
1. Valid provided that leads are kept at ambient temperature.
2. Test period < 3000 s.
●RATING AND CHARACTERISTIC CURVES (SD103AW THRU SD103CW)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
V , REVERSE VOLTAGE (V)
R
Fig.2 Typ. Junction Capacitance vs Reverse Voltage
100
0.1
1.0
10
010
20
30
40
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com