Electronic Components Datasheet Search
  English  ▼

X  

DR-45 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # DR-45
Description  Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

DR-45 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  DR-45 Datasheet HTML 1Page - MicroPower Direct, LLC DR-45 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 45W Output Power
• DIN Rail Mountable
• Universal AC Input
• UL 508 Approved
• Safety Approved
• 5, 12, 15 & 24 VDC Outputs
• Cond./Rad. EMI Class B
• >364 kH MTBF
• LOW COST!
DR-45
Low Cost, Industrial
45W, DIN Rail Mount
AC/DC Power Supplies
Series
MicroPower Direct
232 Tosca Drive
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency Range
47
63
Hz
Inrush Current
230 VAC, Cold Start
56
A
115 VAC, Cold Start
28
Leakage Current
240 VAC
1.0
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Tolerance
Note 1
±1.0
%
Voltage Adjustment Range
5 VDC Output
4.75
5.5
VDC
12 VDC Output
10.8
13.2
15 VDC Output
13.5
16.5
48 VDC Output
21.6
26.4
Line Regulation
±1.0
%
Load Regulation
Iout = 10% to 100%
±1.0
%
Set Up Time
230 VAC, Full Load
800
mSec
Rise Time
At Full Load
60
mSec
Hold Time
230 VAC, Full Load
100
mSec
Ripple & Noise (Note 2)
5 VDC Output
100
mV Pk-Pk
12 VDC Output
200
15 VDC Output
240
24 VDC Output
480
Output Power Protection
Note 3
105
150
%
Over Voltage Protection (Note 4)
5 VDC Output
5.75
6.75
VDC
12 VDC Output
13.8
16.2
15 VDC Output
17.25
20.25
24 VDC Output
27.6
32.4
Over Temperature Protection
Note 5
135
ºC
Temperature Coefficient
0ºC to 50ºC
±0.03
%/ºC
Switching Frequency
Fixed
100
kHz
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Output - FG (Frame Ground)
500
Isolation Resistance (Note 6)
500 VDC
100
M
Ω
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-10
+25
+50
ºC
Storage Temperature Range
-20
+85
ºC
Operating Humidity
RH, Non-condensing
20
90
%
Storage Humidity
RH, Non-condensing
10
95
%
Vibration
10 ~ 500 Hz; 2G 10 min./1 Cycle; X, Y, Z axis each 1 hour
Physical
Case Size
3.66 x 3.05 x 2.64 Inches (93.0 x 78.0 x 67.0 mm)
Case Material
Plastic (UL94-V0)
Connection
Screw Terminal
Weight
11 Oz (0.31 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
364.6
kHours
Safety Standards
UL 508, UL 60950, EN 60950-1
Safety Approvals
UL, cUL, TUV
EMI Compliance
Compliance to EN55011, EN55022 (CISPR22) Class B
Harmonic Current Compliance
Compliance to EN6100-3-2,-3
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11; ENV50204;EN6100-6-2(EN50082-2) Heavy Ind. Level, criteria A
New Industrial
Supplies!!
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - DR-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-45 MEANWELL-DR-45 Datasheet
107Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
DR-45 MEANWELL-DR-45 Datasheet
272Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
DR-4505 MEANWELL-DR-4505 Datasheet
107Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
DR-4505 MEANWELL-DR-4505 Datasheet
272Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-45

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1024F MPD-AD1024F Datasheet
292Kb / 2P
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
AD1048FS MPD-AD1048FS Datasheet
313Kb / 2P
Very Low Cost, 36 - 48W DIN Rail Mount Single Output AC/DC Power Supplies
AD1072F MPD-AD1072F Datasheet
292Kb / 2P
Very Low Cost, 72W DIN Rail Mount Single Output AC/DC Power Supplies
AD2360C MPD-AD2360C Datasheet
290Kb / 2P
Very Low Cost, 360W DIN Rail Mount Dual Output AC/DC Power Supplies
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
DR-120 MPD-DR-120 Datasheet
118Kb / 2P
Low Cost, Industrial 120W, DIN Rail Mount AC/DC Power Supplies
DRP-240 MPD-DRP-240 Datasheet
122Kb / 2P
Low Cost, Industrial 240W, DIN Rail Mount AC/DC Power Supplies
DRT-240 MPD-DRT-240 Datasheet
119Kb / 2P
Low Cost, Three-Phase 240W, DIN Rail Mount AC/DC Power Supplies
DRT-960 MPD-DRT-960 Datasheet
115Kb / 2P
Low Cost, Three-Phase 960W, DIN Rail Mount AC/DC Power Supplies
MDR-24S MPD-MDR-24S Datasheet
353Kb / 2P
Low Cost, 24W DIN Rail Mount Single Output AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com