Electronic Components Datasheet Search
  English  ▼

X  

DR-75 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # DR-75
Description  Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

DR-75 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  DR-75 Datasheet HTML 1Page - MicroPower Direct, LLC DR-75 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
• 75W Output Power
• DIN Rail Mountable
• Universal AC Input
• UL 508 Approved
• Safety Approved
• 12, 24 & 48 VDC Outputs
• Cond./Rad. EMI Class B
• >120 kH MTBF
• LOW COST!
DR-75
Low Cost, Industrial
75W, DIN Rail Mount
AC/DC Power Supplies
Series
MicroPower Direct
232 Tosca Drive
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency Range
47
63
Hz
Inrush Current
230 VAC, Cold Start
40
A
115 VAC, Cold Start
20
Leakage Current
240 VAC
1.0
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Tolerance
Note 1
±1.0
%
Voltage Adjustment Range
12 VDC Output
12
14
VDC
24 VDC Output
24
28
48 VDC Output
48
53
Line Regulation
±0.5
%
Load Regulation
Iout = 10% to 100%
±1.0
%
Set Up Time
230 VAC, Full Load
1,000
mSec
115 VAC, Full Load
1,800
Rise Time
At Full Load
60
mSec
Hold Time
230 VAC, Full Load
60
mSec
115 VAC, Full Load
12
Ripple & Noise (Note 2)
12 VDC Output
100
mV Pk-Pk
24 VDC Output
150
48 VDC Output
240
Output Power Protection
Note 3
105
150
%
Over Voltage Protection (Note 4)
12 VDC Output
15
16.5
VDC
24 VDC Output
30
36
48 VDC Output
54
60
Over Temperature Protection
Note 5
80
85
90
ºC
Temperature Coefficient
0ºC to 50ºC
±0.03
%/ºC
Switching Frequency
Fixed
50
kHz
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Output - FG (Frame Ground)
500
Isolation Resistance (Note 6)
500 VDC
100
M
Ω
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-10
+25
+60
ºC
Storage Temperature Range
-20
+85
ºC
Operating Humidity
RH, Non-condensing
20
90
%
Storage Humidity
RH, Non-condensing
10
95
%
Vibration
10 ~ 500 Hz; 2G 10 min./1 Cycle; X, Y, Z axis each 1 hour
Physical
Case Size
2.18 x 4.93 x 3.94 Inches (55.5 x 125.5 x 100.0 mm)
Case Material
Aluminum
Connection
Screw Terminal
Weight
21 Oz (0.6 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
123.1
kHours
Safety Standards
UL 508, UL 60950, EN 60950-1
Safety Approvals
UL, cUL, TUV
EMI Compliance
Compliance to EN55011, EN55022 (CISPR22) Class B
Harmonic Current Compliance
Compliance to EN6100-3-2,-3
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11; ENV50204;EN6100-6-2(EN50082-2) Heavy Ind. Level, criteria A
New Industrial
Supplies!!
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - DR-75

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-75 TOTAL-POWER-DR-75 Datasheet
292Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-75 ASTRODYNE-DR-75 Datasheet
279Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-75 MEANWELL-DR-75 Datasheet
104Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-75-12 TOTAL-POWER-DR-75-12 Datasheet
292Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-75-12 ASTRODYNE-DR-75-12 Datasheet
279Kb / 2P
75W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-75

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1024F MPD-AD1024F Datasheet
292Kb / 2P
Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
AD1048FS MPD-AD1048FS Datasheet
313Kb / 2P
Very Low Cost, 36 - 48W DIN Rail Mount Single Output AC/DC Power Supplies
AD1072F MPD-AD1072F Datasheet
292Kb / 2P
Very Low Cost, 72W DIN Rail Mount Single Output AC/DC Power Supplies
AD2360C MPD-AD2360C Datasheet
290Kb / 2P
Very Low Cost, 360W DIN Rail Mount Dual Output AC/DC Power Supplies
DR-45 MPD-DR-45 Datasheet
122Kb / 2P
Low Cost, Industrial 45W, DIN Rail Mount AC/DC Power Supplies
DR-120 MPD-DR-120 Datasheet
118Kb / 2P
Low Cost, Industrial 120W, DIN Rail Mount AC/DC Power Supplies
DRP-240 MPD-DRP-240 Datasheet
122Kb / 2P
Low Cost, Industrial 240W, DIN Rail Mount AC/DC Power Supplies
DRT-240 MPD-DRT-240 Datasheet
119Kb / 2P
Low Cost, Three-Phase 240W, DIN Rail Mount AC/DC Power Supplies
DRT-960 MPD-DRT-960 Datasheet
115Kb / 2P
Low Cost, Three-Phase 960W, DIN Rail Mount AC/DC Power Supplies
MDR-24S MPD-MDR-24S Datasheet
353Kb / 2P
Low Cost, 24W DIN Rail Mount Single Output AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com