Electronic Components Datasheet Search
  English  ▼

X  

SE1085 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SE1085
Description  Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE1085 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SE1085 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE1085 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE1085 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE1085 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
01-Jun-2002 Rev. A
Page
3 of 4
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
Functional Description
Introduction
The SE1085 adjustable or fixed-mode Low Dropout (LDO) regulator is a 3 terminal device which can easily be
programmed by internal mask change to any voltage within the range of 1.25 to Vin-1.4V. The SE1085 only needs 1.4V
differential between Vin and Vout to maintain output regulation, in addition, the output voltage tolerances are also extremely
tight and they include the transient response as port of the specification. For example, Intel VRE specification calls for a
total of +/-100mV including initial tolerance, load regulation and 0 to 3A load step. The SE1085 is specifically designed to
meet the fast current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with
the need for fewer output capacitors.
Load Regulation
Since the SE1085 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the
load. But it can supply good load regulation by internal feedback bypass the external loss such as adjustable mode.
Stability
The SE1085 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator
stable .For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient
response.
Thermal Design
The SE1085 incorporates an internal shutdown that protects the device when the junction temperature exceeds the
maximum allowable junction temperatures. Although this device can operate with junction temperatures in the range of
150 : , it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the
junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible .It is recommended to use a
section of a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency
oscillation that may result due to excessive trace inductance.
SE1085
3A Low Dropout Positive
Adjustable or Fixed-Mode Regulator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com