Electronic Components Datasheet Search
  English  ▼

X  

SE1086 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SE1086
Description  Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SE1086 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SE1086 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SE1086 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SE1086 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SE1086 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SE1086
1.5
A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
Description
The SE108
6 is a low dropout at positive adjustable or fixed-mode
regulator with min. of
1.5A output current capability. The product is
specifically designed to provide well-regulated supply for low voltage
IC applications such as high-speed bus termination and low current
3.3V logic supply. SE108
6 is also well suited for other applications
such as VGA cards. SE108
6 is guaranteed to have lower than 1.4V
dropout at full load current making it ideal to provide well regulated
outputs of 1.25 to
5V with 4.7 to 12V input supply.
* 3-Terminal Adjustable or Fixed 1.5V,1.8V,2.5V,3.3V,5.0V
Features
*
1.4V Max. Dropout Full Load Current
* Output Current Limiting
* Fast Transient Response
* Built-in Thermal Shutdown
01-Jun-2002 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Circuit
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c1
1.25
1.45
b
0.76
1.00
b1
1.17
1.47
c
0.36
0.50
L
13.25
14.25
D
8.60
9.00
e
2.54 REF.
E
9.80
10.4
L1
2.60
2.89
L4
14.7
15.3
Ø
3.71
3.96
L5
6.20
6.60
A1
2.60
2.80
Millimeter
Millimeter
Block Diagram


Similar Part No. - SE1086

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE1084 SECOS-SE1084 Datasheet
602Kb / 4P
Adjustable or Fixed-Mode Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
SE1084J-LF SEAWARD-SE1084J-LF Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
SE1084JXX-LF SEAWARD-SE1084JXX-LF Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
SE1084Q-LF SEAWARD-SE1084Q-LF Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results

Similar Description - SE1086

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1117A SECOS-SJ1117A Datasheet
593Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1116 SECOS-SL1116 Datasheet
590Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
Adjustable or Fixed-Mode Regulator
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
Adjustable or Fixed-Mode Regulator
SU1086 SECOS-SU1086 Datasheet
605Kb / 4P
Adjustable or Fixed-Mode Regulator
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com