Electronic Components Datasheet Search
  English  ▼

X  

SEF205B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF205B
Description  2.0AMP High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF205B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF205B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF205B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SEF201B THRU SEF206B
VOLTAGE 50V ~ 800V
2.0AMP High Efficiency Recovery Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
SEF201B SEF202B SEF203B SEF204B SEF205B SEF206B
UNITS
50
100
200
400
600
800
V
50
100
200
400
600
800
V
35
70
140
280
420
560
2.0
50
5.0
100
15
-65
~ +150
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.98
50
70
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.02 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Fast switching speed
3. Rating applies when surface mounted on the minimum pad size recommended, PC Board with 7.0 X 7.0mm copper pad.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Operating and Storage Temperature Range TJ, TSTG
C
Thermal Resistance, Juntion to Lead (Note 3)
18
1.3
1.5
1.7
C/W
Thermal Resistance, Juntion to Ambient (Note 3)
55
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
Dimensions in inches and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SEF205B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF205BS SECOS-SEF205BS Datasheet
246Kb / 2P
600 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF205BS SECOS-SEF205BS_15 Datasheet
246Kb / 2P
High Efficiency Recovery Rectifiers
More results

Similar Description - SEF205B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
FR201 TAK_CHEONG-FR201 Datasheet
103Kb / 2P
2.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201 Datasheet
186Kb / 2P
2.0AMP Fast Recovery Rectifiers
SEF201A SECOS-SEF201A Datasheet
197Kb / 2P
2.0AMP High Efficiency Recovery Rectifiers
ES21B SECOS-ES21B Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
logo
Shenzhen Luguang Electr...
FR201 LUGUANG-FR201 Datasheet
1Mb / 2P
2.0AMP. Fast Recovery Rectifiers
SFR201 LUGUANG-SFR201 Datasheet
1Mb / 2P
2.0AMP. Soft Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com