Electronic Components Datasheet Search
  English  ▼

X  

SEF301C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SEF301C
Description  3.0AMP High Efficiency Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEF301C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SEF301C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEF301C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SEF301C THRU SEF306C
VOLTAGE 50V ~ 800V
3.0AMP High Efficiency Recovery Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
S
EF301C SEF302C SEF303C SEF304C SEF305C SEF306C UNITS
50
100
200
400
600
800
V
50
100
200
400
600
800
V
35
70
140
280
420
560
3
.0
8
0
5.0
100
15
-65
+175
V
A
A
V
µA
µA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.98
1.3
1.5
1.7
50
7
5
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight:
1.10 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Fast switching speed
Operating and Storage Temperature Range TJ, TSTG
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.320(8.13)
.305(7.75)
.280(7.11)
.260(6.60)
.012(0.31)
.006(0.15)
.124(3.15)
.108(2.75)
.103(2.62)
.079(2.00)
.050(1.27)
.030(0.76)
.245(6.22)
.220(5.59)
.008
(.203)MAX.
Dimensions in inches and (millimeters)
DO-214A
B(SMC)
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen-free


Similar Part No. - SEF301C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SEF301C SECOS-SEF301C Datasheet
264Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_09 Datasheet
264Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
SEF301C SECOS-SEF301C_15 Datasheet
288Kb / 2P
3.0 AMP High Efficiency Recovery Rectifiers
More results

Similar Description - SEF301C

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
FR301 TAK_CHEONG-FR301 Datasheet
103Kb / 2P
3.0AMP. Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR301 SECOS-FR301 Datasheet
95Kb / 2P
3.0AMP Fast Recovery Rectifiers
HER301G SECOS-HER301G Datasheet
338Kb / 2P
3.0Amp Glass Passivated High Efficiency Rectifiers
SEF301B SECOS-SEF301B Datasheet
315Kb / 2P
3.0AMP High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
UF5400 YFWDIODE-UF5400 Datasheet
818Kb / 2P
3.0Amp High Efficiency Rectifiers
UF5400-DO27 YFWDIODE-UF5400-DO27 Datasheet
1Mb / 2P
3.0Amp High Efficiency Rectifiers
logo
SeCoS Halbleitertechnol...
ES14A SECOS-ES14A Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com