Electronic Components Datasheet Search
  English  ▼

X  

SEMP8965 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SEMP8965
Description  Fast Ultra High-PSRR, Low Noise, Low-Dropout
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SEMP8965 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SEMP8965 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SEMP8965 Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Elektronische Bauelemente
SEMP8965
Fast Ultra High-PSRR, Low Noise, Low-Dropout,
600 mA Micropower CMOS Linear Regulator
01-June-2002 Rev. A
Page 4 of 11
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
I FAULT
FAULT
Off-Leakage Current FAULT = 3.6V, SHDN = 0V
0.1
100
nA
Thermal Shutdown
Temperature
165
TSD
Thermal Shutdown
Hysteresis
30
℃
TON
Start-Up Time
COUT = 10µF, VOUT at 90% of Final
Value
80
µs
Note 1: Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: All voltages are with respect to the potential at the ground pin.
Note 3: Maximum Power dissipation for the device is calculated using the following equations:
JA
θ
A
T
-
J(MAX)
T
D
P
=
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance.
The maximum power dissipation is found to be 561mW. The derating factor (-1/θJA) = -4.5mW/°C, thus below 25°C the power dissipation
figure can be increased by 4.5mW per degree, and similarity decreased by this factor for temperatures above 25°C.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: Human body model: 1.5k  in series with 100pF.
 
Note 6: Condition does not apply to input voltages below 2.5V since this is the minimum input operating voltage.
Note 7: Dropout voltage is measured by reducing VIN until VOUT drops 100mV from its nominal value at VIN -VOUT = 0.5V. Dropout voltage does not
apply to the regulator versions with VOUT less than 2.5V.
Note 8: The ADJ/NC pin is disconnected internally for the preset versions.
Note 9: The FAULT detection voltage is specified for the input to output voltage differential at which the FAULT pin goes active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com