Electronic Components Datasheet Search
  English  ▼

X  

CB15FP Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CB15FP
Description  6mm Process Sealed Tactiles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CB15FP Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  CB15FP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CB15FP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CB15FP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CB15FP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
6mm Process Sealed Tactiles
Series CB
PACKAGING
KEYBOARD MATRIX
Blue = PCB Trace, Black = Switch Circuit
Switches must be ordered in 50-piece increments
when stick-tube packaging is selected.
S
No
Code Partitioned Tray
Stick-Tube
If ordered in less than 50-piece increments, the
switches are packaged in a partitioned tray.
Stick-Tube Dimensions
Each stick-tube
contains 50 switches
(12.0)
.472
(11.0)
.433
(340.0)
13.386
These single pole, single throw switches can be used in a key-
board matrix and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
These single pole, single throw switches can be
arranged on a single-sided PC board matrix
with strapped terminals to achieve an X-Y type
electrical interconnection.
Blue = PCB Trace, Black = Switch Circuit
Common Bus Matrix
X-Y Matrix
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7
= ON
PC Terminations
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7 8 9 10 11 12 13
= ON
P C Te r m i n a t i o n s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com