Electronic Components Datasheet Search
  English  ▼

X  

E102 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # E102
Description  Isolated, Single Output Miniature, 1W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

E102 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  E102 Datasheet HTML 1Page - MicroPower Direct, LLC E102 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of
20% to 100%.
2. When measuring output ripple, it is recommended that
an external 0.33
µF ceramic capacitor be placed from the
+Vout pin to the -Vout pin.
3. Operation at no-load will not damage these units. How-
ever, they may not meet all specifications.
4. The 5V, 12V and 24V input units do not require external
components to operate, but the use of a low ESR capaci-
tor (approximately 10
uF, ESR <1.0Ω at 100 kHz) mounted
close to the converter input pins is recommended.
For 48 VDC input units, an input capacitor should always
be used. Dependent upon the application, a value be-
tween 4.7
µF and 47 uF should be sufficient.
5. It is recommended that a fuse be used on the input of
a power supply for protection. See the table above for
the correct rating.
Model
Number
Input
Output
Load
Regulation
(% Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
E101
5
4.5 - 5.5
267
25
5.0
200.0
4.0
10
75
500
E102
5
4.5 - 5.5
260
25
9.0
111.0
2.0
10
77
500
E103
5
4.5 - 5.5
256
25
12.0
83.3
2.0
10
78
500
E104
5
4.5 - 5.5
257
25
15.0
66.6
2.0
10
78
500
E105
5
4.5 - 5.5
257
25
24.0
41.6
2.0
10
78
500
E111
12
10.8 - 13.2
112
16
5.0
200.0
4.0
10
75
200
E112
12
10.8 - 13.2
109
16
9.0
111.0
2.0
10
77
200
E113
12
10.8 - 13.2
107
16
12.0
83.3
2.0
10
78
200
E114
12
10.8 - 13.2
107
16
15.0
66.6
2.0
10
78
200
E115
12
10.8 - 13.2
107
16
24.0
41.6
2.0
10
78
200
E121
24
21.6 - 26.4
56
10
5.0
200.0
4.0
10
75
100
E122
24
21.6 - 26.4
55
10
9.0
111.0
2.0
10
77
100
E123
24
21.6 - 26.4
54
10
12.0
83.3
2.0
10
78
100
E124
24
21.6 - 26.4
54
10
15.0
66.6
2.0
10
78
100
E125
24
21.6 - 26.4
54
10
24.0
41.6
2.0
10
78
100
E131
48
43.2 - 52.8
28
7
5.0
200.0
4.0
10
75
50
E132
48
43.2 - 52.8
27
7
9.0
111.0
2.0
10
76
50
E133
48
43.2 - 52.8
27
7
12.0
83.3
2.0
10
76
50
E134
48
43.2 - 52.8
27
7
15.0
66.6
2.0
10
76
50
E135
48
43.2 - 52.8
27
7
24.0
41.6
2.0
10
76
50
Models with other outputs
are available. Contact the
factory for details!!
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the side of the
unit
• Dimensions indicated on the drawing are as follows:
Mechanical Dimensions
Pin
Description
1-Vin
2+Vin
3
-Vout
4
+Vout
Pin Connections
(µF Max)
220
Capacitive
Load
Dimension
Input Voltage
5, 12 & 24V
48V
“W”
0.24 (6.0)
0.29 (7.5)
“X”
0.05 (1.25)
0.08 (2.00)
Derating Curve
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com