Electronic Components Datasheet Search
  English  ▼

X  

E115 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # E115
Description  Isolated, Single Output Miniature, 1W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

E115 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  E115 Datasheet HTML 1Page - MicroPower Direct, LLC E115 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Ste D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 1W Output Power
• Miniature SIP Case
• 1,000 VDC Isolation
• Complies to RFI Standards
• >2 MHour MTBF
• 20 Standard Models
• Industry Standard Pin-Out
E100
Isolated, Single Output
Miniature, 1W SIP
DC/DC Converters
Series
RoHS Compliant
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
48 VDC Input
43.2
48.0
52.8
Reverse Polarity Input Current
0.3
A
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
60
mV P - P
Output Power Protection
110
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
1,000 VDC
1,000
MΩ
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
50
kHz
EMI/RFI
EN55022 A, EN55024 A, IEC 61000-4-2, IEC 61000-4-3, FCC 47 CFR Part 15 B
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
+100
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size (5V, 12V & 24V Input Models)
0.46 x 0.24 x 0.40 Inches (11.68 x 6.0 x 10.2 mm)
Case Size (48V Input Models)
0.46 x 0.29 x 0.40 Inches (11.68 x 7.5 x 10.2 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.06 Oz (1.8g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.0
VDC
12 VDC Input
-0.7
15.0
24 VDC Input
-0.7
28.0
48 VDC Input
-0.7
54.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Internal Power Dissipation
All Models
650
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.


Similar Part No. - E115

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E115 PULSE-E115 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
E115 PULSE-E115 Datasheet
192Kb / 4P
SURFACE MOUNT 10BASE-T INTERFACE MODULES
E115 PULSE-E115 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
YORKVILLE
E1152 YORKVILLE-E1152 Datasheet
111Kb / 2P
E1152
logo
MicroPower Direct, LLC
E115I MPD-E115I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results

Similar Description - E115

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKE CANDD-NKE Datasheet
173Kb / 2P
Isolated Sub-Miniature 1W Single Output DC-DC Converters
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A Datasheet
432Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com