Electronic Components Datasheet Search
  English  ▼

X  

SH177 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SH177
Description  Hall Effect Latch IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH177 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SH177 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH177 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH177 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH177 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SH177 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics Ta=25
oC
Storage Temperature Range
Package Power Dissipation
Supply Voltage
Reverse VCC Polarity Voltage
Magnetic Flux Density
Output OFF Voltage
Output ON Current
Parameter
Symbol
Value
Unit
V
V
V
C
mW
VCC
VRCC
TA
28
-28
25
Unlimited
-65~150
250
35
o
Absolute Maximum Ratings at Ta= 25 C
Operating Temperature Range
Max. Junction Temperature
B
VCE
Tj
PD
-20~100
175
C
o
C
o
o
IC Continuous
TS
mA
Elektronische Bauelemente
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 5
Function Block Diagrams
Test Conditions
Min
Typ.
Max.
Unit
Supply Voltage
VCC
-
3.5
-
28
V
VCC=16V,Io=12mA,B=130 Gauss
-
-
0.4
V
Low output voltage
VOL
VCC=3.6V,Io=12mA,B=130 Gauss
-
-
0.4
V
VCC=16V, Io=-30 A,B=-130 Gauss
14.6
-
-
V
High output voltage
VOH
VCC=3.6V,Io=-30 A,B=-130 Gauss
2.2
-
-
V
Output Leakage Current
ICEX
VCC=16V,Vcc=16V
-
<0.1
10
uA
Output Short-circuit Current
-IOS
VCC=16V,Vo=0V,B=-130 Gauss
0.4
-
0.9
mA
Supply Current
ICC
VCC=24V,Output Open
-
5
10
mA
Output Rise Time
tr
VCC=16V,RL=820 CL=20pf
-
0.3
1.5
us
Output Falling Time
tf
VCC=16V,RL=820 CL=20pf
-
0.3
1.5
us
Parameter
Symbol
SH177
Single Output
Hall Effect Latch IC
HALL
SENSOR
3 OUTPUT(DO)
REG.
1
VCC
2
Vss
1
VCC
27K Ł



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com