Electronic Components Datasheet Search
  English  ▼

X  

SH276P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SH276P
Description  Hall Effect Latch Sink Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SH276P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SH276P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SH276P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SH276P Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SH276P Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SH276P Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Elektronische Bauelemente
SH276P
Complementary Output
Hall Effect Latch Sink Driver IC
Description
The SH2
76P is an integrated Hall effect latched sensor with
output pull-high resistor driver designed for electronic co-
brushless DC motor applications. The
Hall voltage generator for magnetic
amplifies the Hall voltage, and a
and complementary open-collector
large current loads.
provide temperature compensated supply
circuits and allows a wide operating supply
flux density larger than threshold Bop, DO is
and DOB is turned off (high). The output state is held until a
magnetic flux density reversal falls below Brp causing DO to be
turned off and DOB turned on.
temperature range from -20 C
3.5V to 2
0V. The devices are
rugged 4 pin SIP packages.
o
o
device
sensing, a comparator that
Schmitt trigger to provide switching
An internal bandgap
SH2
76P is rated for operation over
to
85 C and voltage range from
available in low cost die forms or
mmutation of
includes an on-chip
hysteresis for noise re-
jection,
drivers for sinking
regulator is used to
voltage for internal
range. If a magnetic
turned on (low)
* On-Chip Hall Sensor IC With Two Different Sensitivity And
Hysteresis Settings For SH276P
*
High Output Sinking Capability Up To 300mA For Driving Large Load
*
Build In Protection Diode For Chip Reverse Power Connecting
* Lower Current Change Rate Reduces The Peak Output Voltage
During Switching
* Internal Bandgap Regulator Allows Temperature Compensated
Operations And A Wide Operating Voltage Range
* Package : SIP-4L
Features
Applications
* Speed Measurement
* Brushless DC Fan
* Brushless DC Motor
* Revolution Counting
01-Jun-2002 Rev. A
Page 1 of 5
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Pin Descriptions
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.295
1.803
D
5.105
5.359
A1
0.610
E
3.531
3.785
b
0.330
0.432
L
14
16
b1
0.406
0.508
e
1.27REF
Millimeter
Name P/I/O Pin# Description
Vcc
P
1
Positive Power supply
DO
O
2
Output Pin
DOB
O
3
Output Pin
Vss
P
4
Ground


Similar Part No. - SH276P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SH275-1 ETC2-SH275-1 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
SH275-112 ETC2-SH275-112 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
SH275-116 ETC2-SH275-116 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
SH275-12 ETC2-SH275-12 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
SH275-14 ETC2-SH275-14 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
More results

Similar Description - SH276P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH277 UTC-UH277 Datasheet
107Kb / 6P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
G276P GTM-G276P Datasheet
223Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
logo
SeCoS Halbleitertechnol...
SH177 SECOS-SH177 Datasheet
488Kb / 5P
Hall Effect Latch IC
SH236 SECOS-SH236 Datasheet
535Kb / 6P
Hall Effect Latch Sink Driver IC
logo
Unisonic Technologies
UH276 UTC-UH276_12 Datasheet
211Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
Cystech Electonics Corp...
CSH276PA4 CYSTEKEC-CSH276PA4 Datasheet
299Kb / 7P
Complementary Output Hall Effect Latched Sink Driver IC
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Unisonic Technologies
UH277 UTC-UH277_15 Datasheet
234Kb / 5P
COMPLEMENTARY OUTPUTS HALL EFFECT LATCH IC
logo
Cystech Electonics Corp...
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com