Electronic Components Datasheet Search
  English  ▼

X  

SID9960 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SID9960
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SID9960 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SID9960 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SID9960 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SID9960 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SID9960 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
The SID9960 provide the designer with the best combination
Features
* Low Gate Charge
*
Simple Drive Requirement
of fast switching, ruggedized device design, low on-resistance
and cost-effectiveness.
S
D
G
Elektronische Bauelemente
SID9960
42A, 40V,RDS(ON)16 m
N-Channel Enhancement Mode Power Mos.FET
Ω
Absolute Maximum Ratings
Drain-Source Voltage
0.36
195
42
26
45
-55~+150
Linear Derating Factor
Operating Junction and Storage Temperature Range
Tj, Tstg
Continuous Drain Current,VGS@10V
Continuous Drain Current,VGS@10V
Pulsed Drain Current
Total Power Dissipation
ID@TC=100
ID@TC=25
IDM
PD@TC=25
1
C
o
C
o
C
o
W/ C
C
o
o
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-case
/W
C
Rthj-c
2 8
.
Thermal Resistance Junction-ambient
/W
C
Rthj-a
Max.
Max.
110
o
o
Gate-Source Voltage
Parameter
Symbol
Ratings
Unit
A
V
V
A
A
W
VDS
VGS
40
± 20
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of
4
*
Fast Switching
G
D
S
5.3±0.2
6.6±0.2
7.0±0.2
5.6±0.2
7.0±0.2
0.75±0.15
0.5±0.05
2.3±0.1
1.2±0.3
0.5±0.1
0.6±0.1
2.3REF.
TO-251
Dimensions in millimeters
Marking Code: 9960
XXXX(Date Code)
RoHS Compliant Product


Similar Part No. - SID9960

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID9971 SECOS-SID9971 Datasheet
731Kb / 4P
N-Channel EnhancementMode PowerMos.FET
SID9971 SECOS-SID9971 Datasheet
709Kb / 4P
N-Channel EnhancementMode PowerMos.FET
logo
VBsemi Electronics Co.,...
SID9971 VBSEMI-SID9971 Datasheet
960Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SID9971-S SECOS-SID9971-S Datasheet
399Kb / 4P
N-Ch Enhancement Mode Power MOSFET
SID9971 SECOS-SID9971_15 Datasheet
709Kb / 4P
N-Channel EnhancementMode PowerMos.FET
More results

Similar Description - SID9960

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com