Electronic Components Datasheet Search
  English  ▼

X  

EB2011-BC Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2011-BC
Description  Light Touch Miniature Pushbuttons
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2011-BC Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2011-BC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-BC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Light Touch Miniature Pushbuttons
Series EB
HARDWARE
Installation/Assembly
2 AT513M Metric Hexagon Nuts
1 AT509 Internal Tooth Lockwasher
AT513M
Metric Hexagon Nut
Material:
Brass with
Nickel Plating
AT509
Lockwasher
Material:
Steel with
Zinc/Chromate
Panel Thicknesses & Panel Cutouts
Metric Bushing
Without
Bottom Hex Nut
Maximum Effective
Panel Thickness:
.185” (4.7mm)
See Accessories & Hardware section for optional Conical Nuts:
AT512M used with cap AT443 and AT512CM used with cap AT442.
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.35) Dia
.250
AT507M
Metric Locking Ring
Material:
Steel with
Zinc/Chromate
(8.0)
.315
M6 P0.75
(9.0)
.354
(1.5)
.059
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
Optional Hardware:
AT507M Metric Locking Ring
Note: Cap must be snapped on
after the switch is mounted
into the panel.
Standard Hardware
Optional Hardware
(8.0) Dia
.315
(0.8)
.031
(2.5)
.098
M6 P0.75
(1.7)
.067
(8.5)
.335
With
Standard Hardware
Maximum Effective
Panel Thickness:
.118” (3.0mm)
Face Nut
Locking Ring
(Optional)
Lockwasher
Lock Nut
With Standard Hardware
& Optional Locking Ring
Maximum Effective
Panel Thickness:
.055” (1.4mm)
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com