Electronic Components Datasheet Search
  English  ▼

X  

SK12SL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SK12SL
Description  1.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK12SL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK12SL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK12SL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SK12SL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SK12SL Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any changing of specification will not be informed individual
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25
at Rated DC Blocking Voltage
Ta=80
Operating
Storage Temperature Range TSTG
Temperature Range TJ
1.0
35
1.0
40
-50
+125
A
A
V
mA
mA
0.36
V
20
20
14
V
V
SK12L
UNITS
20
20
14
SK12SL
20
20
14
SK12LL
40
40
28
SK14L
40
40
28
SK14SL
40
40
28
SK14LL
0.31
0.34
0.38
0.29
0.32
-25
+80
45
70
90
45
70
01-Jun-2006 Rev. B
Page 1 of 4
SK12L ~ SK14SL
VOLTAGE 20V ~ 40V
Low VF Types
1.0AMP Surface Mount Schottky Barrier Rectifiers
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Super low forward voltage drop
http://www.SeCoSGmbH.com
Elektronische Bauelemente
~
~
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SK12SL

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA-0-T4-G CYSTEKEC-SK12SA-0-T4-G Datasheet
235Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA-0-T4-G CYSTEKEC-SK12SA-0-T4-G Datasheet
359Kb / 6P
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SB CYSTEKEC-SK12SB Datasheet
199Kb / 5P
1.0Amp. Surface Mount Schottky Barrier Diodes
logo
GOOD-ARK Electronics
SK12S GOOD-ARK-SK12S_15 Datasheet
650Kb / 2P
1.0 Amp. Surface Mount Schottky Barrier Rectifiers Voltage Range 20 to 100 Volts Forward Current 1.0 Ampere
More results

Similar Description - SK12SL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_1 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12AL SECOS-SK12AL Datasheet
604Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SK12BL SECOS-SK12BL Datasheet
880Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B Datasheet
155Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120S SECOS-SM120S Datasheet
119Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817_10 Datasheet
433Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LL5817 LUGUANG-LL5817 Datasheet
233Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
LSR102 LUGUANG-LSR102 Datasheet
234Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK12L SECOS-SK12L_15 Datasheet
156Kb / 4P
1.0AMP Surface Mount Schottky Barrier Rectifiers
SM120B SECOS-SM120B_15 Datasheet
156Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com