Electronic Components Datasheet Search
  English  ▼

X  

SK32LL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SK32LL
Description  3.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK32LL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK32LL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK32LL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SK32LL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
SK32L ~ SK34LL
VOLTAGE 20V ~ 40V
Low VF Types
3.0AMP Surface Mount Schottky Barrier Rectifiers
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Super low forward voltage drop
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25
at Rated DC Blocking Voltage
Ta=80
3.0
90
1.5
60
-50
+125
A
A
V
mA
mA
V
V
V
UNITS
-25
+100
SK32L
20
20
14
SK32LL
20
20
14
SK34L
40
40
28
SK34LL
40
40
28
0.42
0.40
0.45
0.38
Oper
ating
S tora
ge Temperature Range TSTG
Temperature Range TJ
180
25
T ypic
al Total Capacitance (CT)
/W
pF
Notes:
1.Typical Total Capacitance Conditions f=1MHZ,VR=4.0VDC
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.063 grams
T ypical T hermal R esistance,J unction to T erminal(
)
R
θJT
01-Jun-2006 Rev. B
Page 1 of 3
~
~
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SK32LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK32LL ETC2-SK32LL Datasheet
240Kb / 3P
3.0AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK32LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK34AL ETC2-SK34AL Datasheet
331Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32L ETC2-SK32L Datasheet
240Kb / 3P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK34AL SECOS-SK34AL Datasheet
331Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK32A LUGUANG-SK32A Datasheet
176Kb / 2P
3.0AMP. Surface Mount Schottky Barrier Rectifiers
SSL32 LUGUANG-SSL32 Datasheet
205Kb / 2P
3.0AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
3.0AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com