Electronic Components Datasheet Search
  English  ▼

X  

SN54HC594 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54HC594
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC594 Datasheet(HTML) 7 Page - Texas Instruments

  SN54HC594 Datasheet HTML 1Page - Texas Instruments SN54HC594 Datasheet HTML 2Page - Texas Instruments SN54HC594 Datasheet HTML 3Page - Texas Instruments SN54HC594 Datasheet HTML 4Page - Texas Instruments SN54HC594 Datasheet HTML 5Page - Texas Instruments SN54HC594 Datasheet HTML 6Page - Texas Instruments SN54HC594 Datasheet HTML 7Page - Texas Instruments SN54HC594 Datasheet HTML 8Page - Texas Instruments SN54HC594 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54HC594, SN74HC594
8-BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS040C – DECEMBER 1982 – REVISED FEBRUARY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
8
3.3
4
fmax
4.5 V
25
35
17
20
MHz
6 V
29
40
20
24
2 V
50
150
225
185
SRCLK
QH
′
4.5 V
20
30
45
37
t d
6 V
15
25
38
31
ns
tpd
2 V
50
150
225
185
ns
RCLK
QA–QH
4.5 V
20
30
45
37
6 V
15
25
38
31
2 V
50
150
225
185
SRCLR
QH
′
4.5 V
20
30
45
37
tPHL
6 V
15
25
38
31
ns
tPHL
2 V
50
125
185
155
ns
RCLR
QA–QH
4.5 V
20
25
37
31
6 V
15
21
31
26
2 V
38
75
110
95
QH
′
4.5 V
8
15
22
19
tt
6 V
6
13
19
16
ns
tt
2 V
38
60
90
75
ns
QA–QH
4.5 V
8
12
18
15
6 V
6
10
15
13
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
90
200
300
250
tpd
RCLK
QA–QH
4.5 V
23
40
60
50
ns
6 V
19
34
51
43
2 V
90
200
300
250
tPHL
RCLR
QA–QH
4.5 V
23
40
60
50
ns
6 V
19
34
51
43
2 V
45
210
315
265
tt
QA–QH
4.5 V
17
42
63
53
ns
6 V
13
36
53
45
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
395
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com