Electronic Components Datasheet Search
  English  ▼

X  

E232 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # E232
Description  Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

E232 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  E232 Datasheet HTML 1Page - MicroPower Direct, LLC E232 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external 0.33
µF ceramic capacitor be placed from the +Vout pin to the -Vout pin.
3. Operation at no-load will not damage these units. However, they may
not meet all specifications.
4. The 5V, 12V and 24V input units do not require external components to
operate, but the use of a low ESR capacitor (approximately 10
µF, ESR
<1.0Ω at 100 kHz) mounted close to the converter input pins is recom-
mended.
For 48 VDC input units, an input capacitor should always be used. Depen-
dent upon the application, a value between 4.7
µF and 47 µF should be
sufficient.
5. Out put capacitive load capability of these units is 33
µF max. Exceeding
this may cause start up problems.
5. It is recommended that a fuse be used on the input of a power supply
for protection. See the table above for the correct rating.
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the side of the unit
Mechanical Dimensions
Pin
Description
1-Vin
2+Vin
3
-Vout
4
+Vout
Pin Connections
Model
Number
Input
Output
Load
Regulation
(% Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
E201
5
4.5 - 5.5
372
38
3.3
400.0
40.0
12
71
1,000
E202
5
4.5 - 5.5
533
38
5.0
400.0
40.0
12
75
1,000
E203
5
4.5 - 5.5
500
38
9.0
222.0
22.0
8
79
1,000
E204
5
4.5 - 5.5
500
38
12.0
167.0
16.0
8
80
1,000
E205
5
4.5 - 5.5
500
38
15.0
133.0
13.0
8
80
1,000
E211
12
10.8 - 13.2
150
30
3.3
400.0
40.0
8
73
500
E212
12
10.8 - 13.2
200
30
5.0
400.0
40.0
8
77
500
E213
12
10.8 - 13.2
211
30
9.0
222.0
22.0
8
79
500
E214
12
10.8 - 13.2
199
25
12.0
167.0
16.0
8
84
500
E215
12
10.8 - 13.2
208
25
15.0
133.0
13.0
8
80
500
E222
24
21.6 - 26.4
107
12
5.0
400.0
40.0
8
78
200
E223
24
21.6 - 26.4
102
12
9.0
222.0
22.0
8
82
200
E224
24
21.6 - 26.4
104
12
12.0
167.0
16.0
8
80
200
E225
24
21.6 - 26.4
102
12
15.0
133.0
13.0
8
82
200
E232
48
44.0 - 52.0
53
6
5.0
400.0
40.0
8
78
100
E233
48
44.0 - 52.0
52
6
9.0
222.0
22.0
8
80
100
E234
48
44.0 - 52.0
53
6
12.0
167.0
16.0
8
78
100
E235
48
44.0 - 52.0
52
6
15.0
133.0
13.0
8
80
100
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com