Electronic Components Datasheet Search
  English  ▼

X  

FS22AAP Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FS22AAP
Description  Miniature Slides for High Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FS22AAP Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  FS22AAP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FS22AAP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FS22AAP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides for High Frequency
Series FS
TERMINALS
P
Straight PC
POLE
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
2
A
FS
Short Actuator
DPDT
ON-NONE-ON Circuit
Straight PC Terminals
Slide Position
Connected Terminals
Throw & Schematics
Pole
Model
Left
Center
Right
Left
Center
Right
Note: Terminal numbers are not
actually on the switch.
DP
FS22
ON
NONE
ON
2-1 5-4
NA
2-3 5-6
DPDT
CIRCUIT
2
ON NONE ON
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
FS22AAP
POLE & CIRCUIT
A
ACTUATORS
A
Short (.291” or 7.4mm)
B
Tall (.488” or 12.4mm)
FREQUENCY BAND
A
DC through 1GHz
1
3
4
6
2
5
(COM)
P
Frequency Band DC through 1GHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com