Electronic Components Datasheet Search
  English  ▼

X  

54HC541 Datasheet(PDF) 4 Page - Texas Instruments

Part # 54HC541
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54HC541 Datasheet(HTML) 4 Page - Texas Instruments

  54HC541 Datasheet HTML 1Page - Texas Instruments 54HC541 Datasheet HTML 2Page - Texas Instruments 54HC541 Datasheet HTML 3Page - Texas Instruments 54HC541 Datasheet HTML 4Page - Texas Instruments 54HC541 Datasheet HTML 5Page - Texas Instruments 54HC541 Datasheet HTML 6Page - Texas Instruments 54HC541 Datasheet HTML 7Page - Texas Instruments 54HC541 Datasheet HTML 8Page - Texas Instruments 54HC541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54HC541, SN74HC541
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SCLS305C – JANUARY 1996 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC541
SN74HC541
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A
Y
2 V
40
115
171
144
ns
tpd
A
Y
4.5 V
12
23
34
29
ns
pd
6 V
10
20
29
25
t
OE
Y
2 V
80
150
224
188
ns
ten
OE
Y
4.5 V
17
30
45
38
ns
en
6 V
15
26
38
32
t
OE
Y
2 V
40
150
224
188
ns
tdis
OE
Y
4.5 V
18
30
45
38
ns
dis
6 V
17
26
38
32
t
Y
2 V
28
60
90
75
ns
tt
Y
4.5 V
8
12
18
15
ns
t
6 V
6
10
15
13
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC541
SN74HC541
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A
Y
2 V
65
165
246
206
ns
tpd
A
Y
4.5 V
16
33
49
41
ns
pd
6 V
14
28
42
35
t
OE
Y
2 V
100
200
298
250
ns
ten
OE
Y
4.5 V
20
40
60
50
ns
en
6 V
17
34
51
43
t
Y
2 V
45
210
315
265
ns
tt
Y
4.5 V
17
42
63
53
ns
t
6 V
13
36
53
45
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
No load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com