Electronic Components Datasheet Search
  English  ▼

X  

G104R Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # G104R
Description  Tightly Regulated, 1W Ultra-Miniature DIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G104R Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  G104R Datasheet HTML 1Page - MicroPower Direct, LLC G104R Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
Miniature DIP Package
1.0 kVDC Isolation
!0.5% Line/Load Regulation
1W Output Power
2.7 MH MTBF
Low Cost
Electrical Specifications
Specifications typical @ +251C with nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
!1.0
!5.0
%
Line Regulation
For Vin Change of Min to Max
!0.5
%
Load Regulation
For Iout = 20% to 100%
!0.5
%
Ripple & Noise (20 MHz)
50
mV P - P
Output Power Protection
120
%
Temperature Coefficient
!0.01
!0.02
%/1C
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
60
pF
Switching Frequency
80
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
-40
+25
+85
1C
Storage Temperature Range
-40
+125
1C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.80 x 0.40 x 0.27 Inches (20.32 x 10.16 x 6.85 mm)
Case Material
Non-Conductive Black Plastic
Weight
0.09 Oz (2.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 251C, Gnd Benign
2.7
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
6.0
VDC
12 VDC Input
-0.7
14.0
24 VDC Input
-0.7
28.0
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower
Direct
Tightly Regulated, 1W
Ultra-Miniature DIP
DC/DC Converters
G100R Series
MicroPower Direct
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
WEB: www/micropowerdirect.com


Similar Part No. - G104R

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G104 MULTICOMP-G104 Datasheet
444Kb / 2P
Diecast Aluminium Enclosures
04/08/20 V1.0
logo
List of Unclassifed Man...
G1042 ETC2-G1042 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1042 ETC2-G1042 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Heyco.
G1042 HEYCO-G1042 Datasheet
92Kb / 1P
Rubber Grommets
logo
List of Unclassifed Man...
G1043 ETC2-G1043 Datasheet
81Kb / 2P
For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
More results

Similar Description - G104R

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
MicroPower Direct, LLC
D100ER MPD-D100ER Datasheet
192Kb / 2P
Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
D100R MPD-D100R Datasheet
233Kb / 2P
Tightly Regulated Miniature, 1W SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
LF100D MPD-LF100D Datasheet
542Kb / 4P
Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100S MPD-LF100S Datasheet
477Kb / 4P
Ultra-Miniature, 1W Single Output SMT DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
Low Cost, 1W Ultra-Miniature DC/DC Converters
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com